Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA745AIRELR Datasheet(PDF) 40 Page - Texas Instruments

Part # INA745AIRELR
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745AIRELR Datasheet(HTML) 40 Page - Texas Instruments

Back Button INA745AIRELR Datasheet HTML 36Page - Texas Instruments INA745AIRELR Datasheet HTML 37Page - Texas Instruments INA745AIRELR Datasheet HTML 38Page - Texas Instruments INA745AIRELR Datasheet HTML 39Page - Texas Instruments INA745AIRELR Datasheet HTML 40Page - Texas Instruments INA745AIRELR Datasheet HTML 41Page - Texas Instruments INA745AIRELR Datasheet HTML 42Page - Texas Instruments INA745AIRELR Datasheet HTML 43Page - Texas Instruments INA745AIRELR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
3.1
2.9
5.1
4.9
1.0
0.8
0.05
0.00
2X 3
10X 0.6
2X 1.5
12X 0.5
0.3
18X 0.35
0.25
2X 1.0
0.8
2X 0.55
0.45
0.13 MIN
4X 0.75
(0.2) TYP
(0.13)
(0.19) TYP
4X (R0.2)
VQFN - 1 mm max height
REL0014A
PLASTIC QUAD FLATPACK - NO LEAD
4228616/A 04/2022
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
SYMM
SYMM
1
6
7
8
13
14
SCALE 3.000
A-A40.000
SECTION A-A
TYPICAL
A
B
C
INA745A, INA745B
SBOSAC3B – JULY 2023 – REVISED AUGUST 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA745A INA745B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com