Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA745AIRELR Datasheet(PDF) 41 Page - Texas Instruments

Part # INA745AIRELR
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745AIRELR Datasheet(HTML) 41 Page - Texas Instruments

Back Button INA745AIRELR Datasheet HTML 37Page - Texas Instruments INA745AIRELR Datasheet HTML 38Page - Texas Instruments INA745AIRELR Datasheet HTML 39Page - Texas Instruments INA745AIRELR Datasheet HTML 40Page - Texas Instruments INA745AIRELR Datasheet HTML 41Page - Texas Instruments INA745AIRELR Datasheet HTML 42Page - Texas Instruments INA745AIRELR Datasheet HTML 43Page - Texas Instruments INA745AIRELR Datasheet HTML 44Page - Texas Instruments INA745AIRELR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
10X (0.6)
(R0.05) TYP
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
4X (0.242)
12X (0.6)
18X (0.3)
(2.8)
(3.2)
2X (0.5)
2X (1.1)
4X (R0.2)
4X (0.75)
VQFN - 1 mm max height
REL0014A
PLASTIC QUAD FLATPACK - NO LEAD
4228616/A 04/2022
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
1
6
7
8
13
14
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
OPENING
TYP
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS
www.ti.com
INA745A, INA745B
SBOSAC3B – JULY 2023 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: INA745A INA745B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com