Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 61Page - STMicroelectronics STM32L151XD Datasheet HTML 62Page - STMicroelectronics STM32L151XD Datasheet HTML 63Page - STMicroelectronics STM32L151XD Datasheet HTML 64Page - STMicroelectronics STM32L151XD Datasheet HTML 65Page - STMicroelectronics STM32L151XD Datasheet HTML 66Page - STMicroelectronics STM32L151XD Datasheet HTML 67Page - STMicroelectronics STM32L151XD Datasheet HTML 68Page - STMicroelectronics STM32L151XD Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 154 page
background image
DocID022027 Rev 11
65/154
STM32L151xD STM32L152xD
Electrical characteristics
129
6.3.3
Embedded internal reference voltage
The parameters given in Table 16 are based on characterization results, unless otherwise
specified.
Table 15. Embedded internal reference voltage calibration values
Calibration value name
Description
Memory address
VREFINT_CAL
Raw data acquired at
temperature of 30 °C ±5 °C
VDDA= 3 V ±10 mV
0x1FF8 00F8 - 0x1FF8 00F9
Table 16. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT out (1)
Internal reference voltage
– 40 °C < TJ < +110 °C 1.202 1.224
1.242
V
IREFINT
Internal reference current
consumption
--
1.4
2.3
µA
TVREFINT
Internal reference startup time
-
-
2
3
ms
VVREF_MEAS
VDDA and VREF+ voltage during
VREFINT factory measure
-2.99
3
3.01
V
AVREF_MEAS
Accuracy of factory-measured VREF
value(2)
Including uncertainties
due to ADC and
VDDA/VREF+ values
--
±5
mV
TCoeff(3)
Temperature coefficient
–40 °C < TJ < +110 °C
-
25
100
ppm/°
C
ACoeff(3)
Long-term stability
1000 hours, T= 25 °C
-
-
1000
ppm
VDDCoeff(3)
Voltage coefficient
3.0 V < VDDA < 3.6 V
-
-
2000
ppm/V
TS_vrefint(3)
ADC sampling time when reading
the internal reference voltage
-4
-
-
µs
TADC_BUF(3) (4)
Startup time of reference voltage
buffer for ADC
--
-
10
µs
IBUF_ADC(3)
Consumption of reference voltage
buffer for ADC
-
-
13.5
25
µA
IVREF_OUT(3)
VREF_OUT output current (5)
--
-
1
µA
CVREF_OUT(3)
VREF_OUT output load
-
-
-
50
pF
ILPBUF(3)
Consumption of reference voltage
buffer for VREF_OUT and COMP
-
-
730
1200
nA
VREFINT_DIV1(3) 1/4 reference voltage
-
24
25
26
%
VREFIN
T
VREFINT_DIV2(3) 1/2 reference voltage
-
49
50
51
VREFINT_DIV3(3) 3/4 reference voltage
-
74
75
76
1. Guaranteed by test in production.
2. The internal VREF value is individually measured in production and stored in dedicated EEPROM bytes.
3. Guaranteed by characterization results.
4. Shortest sampling time can be determined in the application by multiple iterations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com