Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 71Page - STMicroelectronics STM32L151XD Datasheet HTML 72Page - STMicroelectronics STM32L151XD Datasheet HTML 73Page - STMicroelectronics STM32L151XD Datasheet HTML 74Page - STMicroelectronics STM32L151XD Datasheet HTML 75Page - STMicroelectronics STM32L151XD Datasheet HTML 76Page - STMicroelectronics STM32L151XD Datasheet HTML 77Page - STMicroelectronics STM32L151XD Datasheet HTML 78Page - STMicroelectronics STM32L151XD Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 154 page
background image
DocID022027 Rev 11
75/154
STM32L151xD STM32L152xD
Electrical characteristics
129
Table 24. Peripheral current consumption(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=
1.8 V
VOS[1:0] =
01
Range 2,
VCORE=
1.5 V
VOS[1:0] =
10
Range 3,
VCORE=
1.2 V
VOS[1:0] =
11
Low-power
sleep and
run
APB1
TIM2
14.3
12.1
9.5
12.1
µA/MHz
(fHCLK)
TIM3
13.8
11.7
9.2
11.7
TIM4
13.2
11.1
8.7
11.1
TIM5
17.7
14.9
11.8
14.9
TIM6
4.8
4.0
3.0
4.0
TIM7
4.7
3.9
3.0
3.9
LCD
5.0
4.1
3.3
4.1
WWDG
3.5
2.9
2.3
2.9
SPI2
8.9
7.4
5.8
7.4
SPI3
7.3
6.0
4.8
6.0
USART2
9.4
7.7
6.1
7.7
USART3
9.4
7.6
6.0
7.6
UART4
10.1
8.4
6.7
8.4
UART5
9.5
7.9
6.3
7.9
I2C1
8.9
7.4
5.8
7.4
I2C2
7.9
6.4
5.1
6.4
USB
21.2
18.0
14.3
18.0
PWR
4.0
3.2
2.5
3.2
DAC
6.3
5.5
4.4
5.5
COMP
4.9
3.9
3.2
3.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com