Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 70Page - STMicroelectronics STM32L151XD Datasheet HTML 71Page - STMicroelectronics STM32L151XD Datasheet HTML 72Page - STMicroelectronics STM32L151XD Datasheet HTML 73Page - STMicroelectronics STM32L151XD Datasheet HTML 74Page - STMicroelectronics STM32L151XD Datasheet HTML 75Page - STMicroelectronics STM32L151XD Datasheet HTML 76Page - STMicroelectronics STM32L151XD Datasheet HTML 77Page - STMicroelectronics STM32L151XD Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
74/154
DocID022027 Rev 11
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the following table. The MCU
is placed under the following conditions:
•
all I/O pins are in input mode with a static value at VDD or VSS (no load)
•
all peripherals are disabled unless otherwise mentioned
•
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
Table 23. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(Standby
with RTC)
Supply current in
Standby mode with RTC
enabled
RTC clocked by LSI (no
independent watchdog)
TA = -40 °C to 25 °C
VDD = 1.8 V
0.82
-
µA
TA = -40 °C to 25 °C
1.15
1.9
TA = 55 °C
1.15
2.2
TA= 85 °C
1.65
4
TA = 105 °C
2.75
8.3(2)
RTC clocked by LSE
external quartz (no
independent
watchdog)(3)
TA = -40 °C to 25 °C
VDD = 1.8 V
1.05
-
TA = -40 °C to 25 °C
1.35
-
TA = 55 °C
1.55
-
TA= 85 °C
2.1
-
TA = 105 °C
3.3
-
IDD
(Standby)
Supply current in
Standby mode (RTC
disabled)
Independent watchdog
and LSI enabled
TA = -40 °C to 25 °C
1
1.7
Independent watchdog
and LSI OFF
TA = -40 °C to 25 °C
0.305
0.6
TA = 55 °C
0.365
0.9
TA = 85 °C
0.66
2.75
TA = 105 °C
2
7(2)
IDD
(WU from
Standby)
Supply current during
wakeup time from
Standby mode
-TA = -40 °C to 25 °C
1
-
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8pF
loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com