Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 10Page - STMicroelectronics STM32L151XD Datasheet HTML 11Page - STMicroelectronics STM32L151XD Datasheet HTML 12Page - STMicroelectronics STM32L151XD Datasheet HTML 13Page - STMicroelectronics STM32L151XD Datasheet HTML 14Page - STMicroelectronics STM32L151XD Datasheet HTML 15Page - STMicroelectronics STM32L151XD Datasheet HTML 16Page - STMicroelectronics STM32L151XD Datasheet HTML 17Page - STMicroelectronics STM32L151XD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 154 page
background image
Description
STM32L151xD STM32L152xD
14/154
DocID022027 Rev 11
2.2.3
Common system strategy.
To offer flexibility and optimize performance, the STM8L15xxx, STM32L15xxx and
STM32L162xx family uses a common architecture:
•
Same power supply range from 1.65 V to 3.6 V
•
Architecture optimized to reach ultra-low consumption both in low-power modes and
Run mode
•
Fast startup strategy from low-power modes
•
Flexible system clock
•
Ultrasafe reset: same reset strategy including power-on reset, power-down reset,
brownout reset and programmable voltage detector
2.2.4
Features
ST ultra-low-power continuum also lies in feature compatibility:
•
More than 15 packages with pin count from 20 to 144 pins and size down to 3 x 3 mm
•
Memory density ranging from 2 to 512 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com