Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 91Page - STMicroelectronics STM32L151XD Datasheet HTML 92Page - STMicroelectronics STM32L151XD Datasheet HTML 93Page - STMicroelectronics STM32L151XD Datasheet HTML 94Page - STMicroelectronics STM32L151XD Datasheet HTML 95Page - STMicroelectronics STM32L151XD Datasheet HTML 96Page - STMicroelectronics STM32L151XD Datasheet HTML 97Page - STMicroelectronics STM32L151XD Datasheet HTML 98Page - STMicroelectronics STM32L151XD Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 154 page
background image
DocID022027 Rev 11
95/154
STM32L151xD STM32L152xD
Electrical characteristics
129
Table 41. Synchronous multiplexed NOR/PSRAM read timings(1)
1. CL = 30 pF.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FSMC_CLK period
2*THCLK -
0.5
-
ns
td(CLKL-NExL)
FSMC_CLK low to FSMC_NEx low (x = 0...2)
-
0
ns
td(CLKL-NExH)
FSMC_CLK low to FSMC_NEx high (x = 0...2)
THCLK +
1.5
-
ns
td(CLKL-NADVL)
FSMC_CLK low to FSMC_NADV low
-
3
ns
td(CLKL-NADVH)
FSMC_CLK low to FSMC_NADV high
3.5
-
ns
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x = 16...25)
-
0
ns
td(CLKL-AIV)
FSMC_CLK low to FSMC_Ax invalid (x = 16...25)
0
-
ns
td(CLKL-NOEL)
FSMC_CLK low to FSMC_NOE low
-
THCLK - 1 ns
td(CLKL-NOEH)
FSMC_CLK low to FSMC_NOE high
2.5
-
ns
td(CLKL-ADV)
FSMC_CLK low to FSMC_AD[15:0] valid
-
4
ns
td(CLKL-ADIV)
FSMC_CLK low to FSMC_AD[15:0] invalid
0
-
ns
tsu(ADV-CLKH)
FSMC_A/D[15:0] valid data before FSMC_CLK high
6
-
ns
th(CLKH-ADV)
FSMC_A/D[15:0] valid data after FSMC_CLK high
4
-
ns
tsu(NWAITV-CLKH) FSMC_NWAIT valid before FSMC_CLK high
6
-
ns
th(CLKH-NWAITV) FSMC_NWAIT valid after FSMC_CLK high
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com