Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 146Page - STMicroelectronics STM32L151XD Datasheet HTML 147Page - STMicroelectronics STM32L151XD Datasheet HTML 148Page - STMicroelectronics STM32L151XD Datasheet HTML 149Page - STMicroelectronics STM32L151XD Datasheet HTML 150Page - STMicroelectronics STM32L151XD Datasheet HTML 151Page - STMicroelectronics STM32L151XD Datasheet HTML 152Page - STMicroelectronics STM32L151XD Datasheet HTML 153Page - STMicroelectronics STM32L151XD Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 150 / 154 page
background image
Revision History
STM32L151xD STM32L152xD
150/154
DocID022027 Rev 11
25-Oct-2012
5
Updated Features
Updated Figure 1: Ultra-low-power STM32L162xC block diagram
Added Table 4: Functionalities depending on the working mode (from
Run/active down to standby), and Table 3: ange depending on
dynamic voltage scaling
Updated Figure 3: STM32L162VC LQFP100 pinout
Updated Table 14: STM32L15xxD pin definitions
Added Note 2 in Table 15: Embedded reset and power control block
characteristics
Replaced TBD values in Table 30: Low-speed external user clock
characteristics, Table 38: Flash memory and data EEPROM
characteristics and Table 55: I/O AC characteristics
Added Table 61: I2S characteristics, Figure 29: I2S slave timing
diagram (Philips protocol)(1) and Figure 30: I2S master timing diagram
(Philips protocol)(1)
Added Table 62: SDIO characteristics
Added Figure 31: SDIO timings
Updated Section 6.3.9: FSMC characteristics
Updated Table 72: Temperature sensor characteristics
Added Figure 40: Thermal resistance
01-Feb-2013
6
Removed AHB1/AHB2 and corrected typo on APB1/APB2 in Figure 1:
Ultra-low-power STM32L162xC block diagram
Updated “OP amp” line in Table 4: Functionalities depending on the
working mode (from Run/active down to standby)
Added IWDG and WWDG rows in Table 4: Functionalities depending
on the working mode (from Run/active down to standby)
Added OneNAND support in Section 3.8: FSMC (flexible static
memory controller)
The comment "HSE = 16 MHz(2) (PLL ON for fHCLK above 16 MHz)"
replaced by "fHSE = fHCLK up to 16 MHz included, fHSE = fHCLK/2
above 16 MHz (PLL ON)(2)” in table Table 19: Current consumption in
Sleep mode
Updated Stop mode current to 1.5 µA in Ultra low power platform
Replaced BGA132 by UFBGA132 in Table 4: Ultra-low-power
STM32L15xxD device features and peripheral counts
Replaced BGA132 by UFBGA132 in Figure 4:
STM32L15xQD STM32L162QD UFBGA132 ballout
Updated entire Section 7: Package characteristics
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com