Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 5 Page - STMicroelectronics

  VNF1048FTR Datasheet HTML 1Page - STMicroelectronics VNF1048FTR Datasheet HTML 2Page - STMicroelectronics VNF1048FTR Datasheet HTML 3Page - STMicroelectronics VNF1048FTR Datasheet HTML 4Page - STMicroelectronics VNF1048FTR Datasheet HTML 5Page - STMicroelectronics VNF1048FTR Datasheet HTML 6Page - STMicroelectronics VNF1048FTR Datasheet HTML 7Page - STMicroelectronics VNF1048FTR Datasheet HTML 8Page - STMicroelectronics VNF1048FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
2.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Typ. value
Unit
RthJA
Thermal resistance, junction-to-ambient (JEDEC JESD 51-5) (1)
56
°C/W
Thermal resistance, junction-to-ambient (JEDEC JESD 51-7)
26
1. Device mounted on two-layer 2s0p PCB with 2 cm² heatsink copper trace
2.3
Main electrical characteristics
6 V < VS < 60 V; -40 °C < TJ < 150 °C, unless otherwise specified.
All typical values refer to VS = 48 V; TJ = 25 °C, unless otherwise specified.
Table 4. Supply specification
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VS
Operating supply voltage
6
48
60
V
VS_EXT
Extended operating supply voltage
100 ms max. duration
6
70
V
VS_USD
Undervoltage shutdown
4.5
V
VS_USD_RES Undervoltage shutdown reset
6
V
VS_USD_HYS Undervoltage shutdown hysteresis
0.1
V
tVS_USD
Undervoltage shutdown filtering time.
33
µs
VSPI
SPI I/Os supply voltage
3.0
5.5
V
ISPI
SPI supply current during frame communication
3
mA
ISPI_STBY
SPI supply current in standby state
5
µA
IS(ON)
Supply current (includes logic)
fPWM = 1 Hz, QG = 250 nC,
VS = 48 V, OUT = VS(1)
8
11
mA
fPWM = 1 Hz, QG = 250 nC,
VS= 48 V, OUT = VS
12
mA
IOUT
Output current
VS = 48 V, standby mode,
OUT = GND, bypass switch OFF
250
μA
VS = 13 V, standby mode,
OUT = GND, bypass switch OFF
75
μA
VS = 48 V, unlocked mode,
OUT = GND, bypass switch OFF
1.3
mA
VS = 13 V, unlocked mode,
OUT = GND, bypass switch OFF
1.15
mA
IS_Q
Vs quiescent current (includes logic)–
independently from bypass switch condition
VS = 48 V, TJ = 25 °C, OUT = VS
80
µA
VS = 48 V, TJ = 25 °C, OUT = GND
310
µA
VS = 13 V, TJ = 25 °C, OUT = VS
70
µA
VS = 13 V, TJ = 25 °C, OUT = GND
130
µA
VS_POR_ON
Power-on reset threshold. Device leaves the
reset mode
2.5
V
VS_POR_OFF
Power-on shutdown threshold. Device enters
reset mode
2.3
V
VS_POR_HYST Power-on reset hysteresis
0.2
V
VNF1048F
Electrical specification
DS13084 - Rev 8
page 5/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com