Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 28Page - STMicroelectronics VNF1048FTR Datasheet HTML 29Page - STMicroelectronics VNF1048FTR Datasheet HTML 30Page - STMicroelectronics VNF1048FTR Datasheet HTML 31Page - STMicroelectronics VNF1048FTR Datasheet HTML 32Page - STMicroelectronics VNF1048FTR Datasheet HTML 33Page - STMicroelectronics VNF1048FTR Datasheet HTML 34Page - STMicroelectronics VNF1048FTR Datasheet HTML 35Page - STMicroelectronics VNF1048FTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Bit
Default
Name
Description
11: tWD = 200ms
2
0
DIS_OUT_MODE
Outputs status in locked state:
0: leave output and bypass as they are (default)
1: shut off output and bypass
1
0
WD_TRIG
In order to keep device in unlocked mode, this bit must be cyclically toggled within a
period equal to tWD to refresh the watchdog.
0
Parity bit
Odd parity bit check
6.14
Status registers
Table 38. SR#1: status register 1; address 11h
Bit
Default
Name
Description
Access
23 ÷ 19
Unused
18
0
DIS_OUT_FAULT
Disable output fault:
a transition to locked mode state causes this bit to be set to 1, but only when
DIS_OUT_MODE = 1.
When DIS_OUT_FAULT = 1, both high-side and bypass are switched off.
R/C
17
0
SELFTEST
Self-test state flag bit
R
16
0
OUTST
High-side gate driver status bit
1: HS gate driver turned on
0: HS gate driver turned off
R
15
0
BYPASS_ST
Low current bypass status bit
1: LCB turned on
0: LCB turned off
R
14
0
WAKEUPM
Wake up mode flag bit
R
13
0
LOCKEDM
Locked mode flag bit
R
12
0
HWLO_ST
HWLO mirror bit: provides the logical level of HWLO pin after having applied a
symmetrical filter on both its rising and falling edges (filtering time is tHWLO)
R
11
0
VS_UV
VS undervoltage “real-time” bit
0: VS >VUSD + VS_USD_HYS
1: VS ≤ VS_USD if the battery supply voltage VS falls below the undervoltage
shutdown threshold, then the external MOSFET, the charge pump and the
bypass switch are switched off.
R
10
0
HSHT
Hard short circuit latch-off: a hard short circuit shutdown of the MOSFET
(HSHT = 1) and the bypass switch occurs when the current sense voltage
exceeds the preset threshold.
The MOSFET and the bypass switch are re-armed via SPI.
R/C
9
0
VDS_MAX
External MOSFET desaturation shutdown: a desaturation shutdown of the
MOSFET (VDS_MAX = 1) and the bypass switch occurs if the VDS exceeds
the preset threshold when HS is in on-state after VDS_DEGLITCH time.
The MOSFET and the bypass switch are re-armed via SPI.
R/C
8
0
BYPASS_SAT
Low current bypass desaturation shutdown: a desaturation shutdown of the
Low current bypass (BYPASS_SAT = 1) occurs if the VDS exceeds the fixed
threshold when HS is in off-state and bypass is in on-state.
When BYPASS_SAT = 1, external MOSFET is automatically commanded on,
independently of OUTCTL bit value.
R/C
VNF1048F
SPI functional description
DS13084 - Rev 8
page 32/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com