Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 1 Page - STMicroelectronics

  VNF1048FTR Datasheet HTML 1Page - STMicroelectronics VNF1048FTR Datasheet HTML 2Page - STMicroelectronics VNF1048FTR Datasheet HTML 3Page - STMicroelectronics VNF1048FTR Datasheet HTML 4Page - STMicroelectronics VNF1048FTR Datasheet HTML 5Page - STMicroelectronics VNF1048FTR Datasheet HTML 6Page - STMicroelectronics VNF1048FTR Datasheet HTML 7Page - STMicroelectronics VNF1048FTR Datasheet HTML 8Page - STMicroelectronics VNF1048FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Features
Maximum transient supply voltage
VS
70 V
Operating voltage range
VS
6 V to 60 V
Operating voltage range (extended)
VS
6 V to 70 V
Standby current (max.)
IS_Q
70 µA
SPI I/O supply voltage
VSPI
3 V to 5.5 V
SPI standby current (max.)
I_STBY
5 µA
•
AEC-Q100 qualified
•
General
–
High-side switch control IC with eFuse protection for 12 V, 24 V, and
48 V automotive applications
–
SPI secondary interface for host control
–
32-bit ST-SPI interface compatible with 3.3 V and 5 V CMOS level
–
2 stage charge pump
–
Gate drive for an external MOSFET in high-side configuration
–
High precision uni-directional digital current sense via SPI through an
external high-side shunt resistor
–
Input for an NTC resistor to monitor the external MOSFET temperature
–
Very low standby current
–
Robust fail-safe functionality through internal and external controls
–
SPI register lock-out by a dedicated digital input pin
–
Integrated ADC for TJ, VNTC, VOUT, and VDS conversion
•
Protections
–
Battery undervoltage shutdown
–
External MOSFET desaturation shutdown configurable via SPI
–
Hard short circuit latch-off configurable via SPI
–
Current vs time latch-off configurable via SPI (fuse-emulation)
–
Device overtemperature shutdown
–
External MOSFET overtemperature shutdown
•
Intelligent high current fuse replacement for automotive applications
•
Especially, intended for automotive power distribution applications
Description
The VNF1048F is an advanced controller for Power MOSFET in high-side
configuration, designed for the implementation of an intelligent high-side switch for 12
V, 24 V, and 48 V automotive applications. The control IC is interfaced to a host
microcontroller through a 3.3 V and 5 V CMOS-compatible SPI interface and
provides protection and diagnostics to the system.
QFN32L Epad
(5.0x5.0x1.0 mm)
Product status link
VNF1048F
Product summary
Order code
VNF1048FTR
Package
QFN32L
Packing
Tape and reel
High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V
automotive applications
VNF1048F
Datasheet
DS13084 - Rev 8 - November 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VNF1048FTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNF1048FTR STMICROELECTRONICS-VNF1048FTR Datasheet
2Mb / 52P
High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
27-May-2022
More results

Similar Description - VNF1048FTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51311 ONSEMI-CS51311 Datasheet
539Kb / 21P
Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
July, 2006 ??Rev. 3
logo
Texas Instruments
TPS2456A TI1-TPS2456A Datasheet
1Mb / 32P
Dual 12 V Protection and Blocking Controller
logo
STMicroelectronics
VND5T035AKTR-E STMICROELECTRONICS-VND5T035AKTR-E Datasheet
683Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
13-Mar-2012
VND5T100AJTR-E STMICROELECTRONICS-VND5T100AJTR-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
VND5T100AJ-E STMICROELECTRONICS-VND5T100AJ-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
VND5T035AK-E STMICROELECTRONICS-VND5T035AK-E Datasheet
717Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
18-Sep-2013
VND5T050AKTR-E STMICROELECTRONICS-VND5T050AKTR-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
VND5T100LAJ-E STMICROELECTRONICS-VND5T100LAJ-E Datasheet
790Kb / 38P
Double channel high-side driver with analog current sense for 24 V automotive applications
23-Aug-2016
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
27-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com