Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 4 Page - STMicroelectronics

  VNF1048FTR Datasheet HTML 1Page - STMicroelectronics VNF1048FTR Datasheet HTML 2Page - STMicroelectronics VNF1048FTR Datasheet HTML 3Page - STMicroelectronics VNF1048FTR Datasheet HTML 4Page - STMicroelectronics VNF1048FTR Datasheet HTML 5Page - STMicroelectronics VNF1048FTR Datasheet HTML 6Page - STMicroelectronics VNF1048FTR Datasheet HTML 7Page - STMicroelectronics VNF1048FTR Datasheet HTML 8Page - STMicroelectronics VNF1048FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
2
Electrical specification
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 2 may cause permanent damage to the device. These are
stress ratings only and operation of the device at these or any other conditions above those indicated in the
operating sections of this specification is not implied. Exposure to the conditions in the table below for extended
periods may affect device reliability.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3 to 70
V
-IGND
DC reverse ground pin current
200
mA
VSPI
DC input voltage
-0.3 to 5.5
V
V3V3
DC output voltage
-0.3 to 4.6
V
VCSN, VSDI, VSCK SPI pins DC input voltage
-0.3 to 5.5
V
VSDO
SPI pins DC output voltage
-0.3 to VSPI + 0.3
V
VHWLO
DC input voltage
-0.3 to 5.5
V
VDIAG
DC output voltage
-0.3 to V_SPI + 0.3
V
IDIAG
DC Input current
Internally limited if VS< 3.3 V
mA
VISNS_P
DC input voltage
VS - 0.3 to VS + 0.3
V
VISNS_N
DC input voltage
VS - 3.3 to VS + 0.3 if VS > 3.3 V
V
-0.3 to VS + 0.3 if VS < 3.3 V
VHS_GATE
DC output voltage
VOUT- 0.3 V to VOUT + 20 V if VOUT < VCP - 20 V
V
VOUT - 0.3 V to VCP + 0.3 V
VOUT
DC output voltage
-2 to VS + 3
V
VOUT transient
Transient output voltage
-10 to VS + 3 for 10 µs max.
V
VNTC
DC input voltage
-0.3 to VS + 0.3 if VS < 3.3 V
V
VS - 3.3 to VS + 0.3
V
VNTC_M
DC input voltage
-0.3 to VS + 0.3 if VS < 3.3 V
V
VS - 3.3 to VS + 0.3
V
VCP
DC input voltage
VS -0.3 to VS + 20
V
VCP1P
DC input voltage
VS - 0.3 to VS + 20
V
VCP2P
DC input voltage
VS - 0.6 to VS + 20
V
VCP1M, VCP2M
DC input voltage
-0.3 to VS + 0.3
V
VESD
Electrostatic discharge (JEDEC 22A-114F)
2000
V
Charge device model (CDM-AEC-Q100-011)
±500(1)
±750(2)
TJ
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
1. All pins except corners.
2. Corner pins.
VNF1048F
Electrical specification
DS13084 - Rev 8
page 4/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com