Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 14Page - STMicroelectronics VNF1048FTR Datasheet HTML 15Page - STMicroelectronics VNF1048FTR Datasheet HTML 16Page - STMicroelectronics VNF1048FTR Datasheet HTML 17Page - STMicroelectronics VNF1048FTR Datasheet HTML 18Page - STMicroelectronics VNF1048FTR Datasheet HTML 19Page - STMicroelectronics VNF1048FTR Datasheet HTML 20Page - STMicroelectronics VNF1048FTR Datasheet HTML 21Page - STMicroelectronics VNF1048FTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
During self-test execution it is also possible to emulate the external FET VDS fault condition by playing with
programmable thresholds available through register CR#2 (VDS_THR field); fault emulation result is stored in
SR#5 (S_T_VDS_MAX1 bit field).
To be noted that diagnostic fault for normal operation (VDS_MAX, SR#1) is inhibited during execution, while all
the others are kept enabled.
The transition from self-test state to unlocked state is automatically guaranteed after the test is completed (around
10 μs) or if the test is stopped through S_T_STOP = 1 (self-test aborted).
The transition from the self-test state to the locked state can occur in case of watchdog timeout or HWLO = 1
(self-test aborted).
Figure 7. VDS monitor self-test flow sequence
Ext FET VDS Monitor
Self-test configuration
VDS Monitor
Self-test
Configuration
CR#1→ S_T_CFG = -1-
CR#2→ VDS_THR = <user option>
SELF-TEST CONFIGURATION
Turn-on pull-down current generator to produce
additional voltage offset of 100mV on VDS Monitor
inputs
A/D CONVERSIONS & DELTA MEASURES
Perform VDS SAR A/D conversions
Compute difference between Selftest measures and
last user measure available in Status Register SR#4
Store data result, selftest status and fault emulation
check in Status Register SR#5
UNLOCKED STATE
SELF-TEST STATE
Ext FET VDS Monitor
Self-test
Execution
Ext FET VDS Monitor
Self-test
END
UNLOCKED STATE
S_T_START = 1
LOCKED
S_T_STOP = 1
WD Timeout
OR
HWLO = 1
TS_T_ACTIVE time duration
SELF-TEST CLOSURE
Turn-off pull-down current generator to restore
normal voltage drop on VDS Monitor inputs
No VDS A/D conversions during this timeframe
TS_T_WAITtime duration
During TS_T_ACTIVE and TS_T_WAIT
timeframes, VDS protection
is inhibited, whilst all
other protections are
active
00 = IDLE
01 = RUN
10 = END
11 = ABORT
00
Parity
Status
ADC Self Test Result
S_T_VDS_MAX1
13
13
(Selftest aborted,
state transition
after TS_T_WAIT
expiration)
(Selftest aborted, state
transition after TS_T_WAIT
expiration)
TEST COMPLETED
VDS MONITOR SELF-TEST
TS_T_ACTIVE = 5 μs
TS_T_WAIT = 5 μs
4.3
External FET stuck-on self-test
The purpose of this self-test is to verify the proper turn-off of the external power switch, by monitoring its VDS
behavior in time.
VNF1048F
Self-test
DS13084 - Rev 8
page 18/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com