Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5200AS-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNH5200AS-E
Description  Fully integrated H-bridge motor driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200AS-E Datasheet(HTML) 5 Page - STMicroelectronics

  VNH5200AS-E Datasheet HTML 1Page - STMicroelectronics VNH5200AS-E Datasheet HTML 2Page - STMicroelectronics VNH5200AS-E Datasheet HTML 3Page - STMicroelectronics VNH5200AS-E Datasheet HTML 4Page - STMicroelectronics VNH5200AS-E Datasheet HTML 5Page - STMicroelectronics VNH5200AS-E Datasheet HTML 6Page - STMicroelectronics VNH5200AS-E Datasheet HTML 7Page - STMicroelectronics VNH5200AS-E Datasheet HTML 8Page - STMicroelectronics VNH5200AS-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DocID023424 Rev 9
5/31
VNH5200AS-E
Block diagram and pin description
30
1
Block diagram and pin description
Figure 1. Block diagram
Table 2. Block description
Name
Description
Logic control
Allows the turn-on and the turn-off of the high-side and the
low-side switches according to the truth table.
Undervoltage
Shuts down the device for battery voltage lower than 5V.
High-side and low-side clamp voltage
Protect the high-side and the low-side switches from the
high voltage on the battery line.
High-side and low-side driver
Drive the gate of the concerned switch to allow a proper
RDS(on) for the leg of the bridge.
Current limitation
Limits the motor current in case of short circuit.
High-side and low-side overtemperature
protection
In case of short-circuit with the increase of the junction
temperature, it shuts down the concerned driver to prevent
degradation and to protect the die.
Low-side overload detector
Detects when low side current exceeds shutdown current
and latches off the concerned Low side.
LOGIC
VCC
OUTA
DIAGA/ENA
INB
INA
GNDA
CS
DIAGB/ENB
LSA
CLAMP HSA
LSA
HSA
HSA_OVERTEMPERATURE
HSB_OVERTEMPERATURE
UV
CURRENT
LIMITATION A
OUTB
GNDB
LSB
HSB
CURRENT
DRIVER
HSA
DRIVER
LSB
DRIVER
HSB
DRIVER
CLAMP HSB
CLAMP LSB
CLAMP LSA
1/K
1/K
LIMITATION B
OVERLOAD
DETECTOR B
OVERLOAD
DETECTOR A
POWER
LIMITATION
FAULT
DETECTION
LSB_OVERTEMPERATURE
LSA_OVERTEMPERATURE
GAPGCFT00647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com