Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5200AS-E Datasheet(PDF) 30 Page - STMicroelectronics

Part # VNH5200AS-E
Description  Fully integrated H-bridge motor driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200AS-E Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VNH5200AS-E Datasheet HTML 23Page - STMicroelectronics VNH5200AS-E Datasheet HTML 24Page - STMicroelectronics VNH5200AS-E Datasheet HTML 25Page - STMicroelectronics VNH5200AS-E Datasheet HTML 26Page - STMicroelectronics VNH5200AS-E Datasheet HTML 27Page - STMicroelectronics VNH5200AS-E Datasheet HTML 28Page - STMicroelectronics VNH5200AS-E Datasheet HTML 29Page - STMicroelectronics VNH5200AS-E Datasheet HTML 30Page - STMicroelectronics VNH5200AS-E Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
VNH5200AS-E
30/31
DocID023424 Rev 9
21-Oct-2015
8
Table 6: Absolute maximum ratings:
–IGND: removed row
Table 8: Power section:
–Vf: updated parameter
Table 11: Protections and diagnostics:
–VCLPH, VCLPLS, VCLP: updated test conditions
Table 12: Current sense (9 V < VCC < 18 V):
–K0, K1, K2, K3: updated values
Table 20: SO-16N mechanical data:
– ccc: updated values
11-Nov-2015
9
Table 6: Absolute maximum ratings:
–IGND: added row
Table 21. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com