Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5200AS-E Datasheet(PDF) 29 Page - STMicroelectronics

Part # VNH5200AS-E
Description  Fully integrated H-bridge motor driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200AS-E Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VNH5200AS-E Datasheet HTML 23Page - STMicroelectronics VNH5200AS-E Datasheet HTML 24Page - STMicroelectronics VNH5200AS-E Datasheet HTML 25Page - STMicroelectronics VNH5200AS-E Datasheet HTML 26Page - STMicroelectronics VNH5200AS-E Datasheet HTML 27Page - STMicroelectronics VNH5200AS-E Datasheet HTML 28Page - STMicroelectronics VNH5200AS-E Datasheet HTML 29Page - STMicroelectronics VNH5200AS-E Datasheet HTML 30Page - STMicroelectronics VNH5200AS-E Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
DocID023424 Rev 9
29/31
VNH5200AS-E
Revision history
30
6
Revision history
03
Table 21. Document revision history
Date
Revision
Changes
03-Jul-2012
1
Initial release.
20-Mar-2013
2
Updated Figure 2: Configuration diagram (top view)
Added Table 3: Suggested connections for unused and not
connected pins
Table 4: Pin definitions and functions:
– pins 11 and 14: updated symbol and functions
Table 8: Power section:
–RONHS, RONLS: updated values
–IRM: removed row
Table 10: Switching (VCC = 13 V, RLOAD = 6.5 W):
–tr, tf: updated values
–trr: removed row
Table 11: Protections and diagnostics:
–VUSD, ISD_LS: updated values
–TTSD_HS, TTR_HS, THYST_HS: updated symbol name and
parameter
–TTSD_LS: updated test conditions
Table 12: Current sense (9 V < VCC < 18 V):
–K0, K1, K2, K3, dK2/K2, dK3/K3: updated values
–VSENSE: updated test conditions
–ISENSE0: removed test conditions and updated value
Added Figure 5: Definition of the low-side switching times
14-June-2013
3
Updated Description and Table 8.
18-Sep-2013
4
Updated disclaimer.
26-Feb-2014
5
Updated Features list
Added Figure 4: Definition of delay time
Updated Figure 5: Definition of the low-side switching times
Added Section 2.4: Waveforms and Chapter 3: Application
information
16-May-2014
6
Updated document title
Added Chapter 4: Package and PCB thermal data
14-Apr-2015
7
Table 8: Power section:
–RONHS, RONLS: updated value
Table 12: Current sense (9 V < VCC < 18 V):
–Kx, dKx/Kx: updated values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com