Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5200AS-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNH5200AS-E
Description  Fully integrated H-bridge motor driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200AS-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNH5200AS-E Datasheet HTML 5Page - STMicroelectronics VNH5200AS-E Datasheet HTML 6Page - STMicroelectronics VNH5200AS-E Datasheet HTML 7Page - STMicroelectronics VNH5200AS-E Datasheet HTML 8Page - STMicroelectronics VNH5200AS-E Datasheet HTML 9Page - STMicroelectronics VNH5200AS-E Datasheet HTML 10Page - STMicroelectronics VNH5200AS-E Datasheet HTML 11Page - STMicroelectronics VNH5200AS-E Datasheet HTML 12Page - STMicroelectronics VNH5200AS-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DocID023424 Rev 9
9/31
VNH5200AS-E
Electrical specifications
30
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for VCC = 9 V up to 18 V; -40 °C < Tj < 150°C, unless
otherwise specified.
Table 7. Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-case
Thermal resistance junction-case (per leg)
TBD
°C/W
Rthj-amb
Thermal resistance junction-ambient
See Figure 15
°C/W
Table 8. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
5.5
18
V
IS
Supply current
Off-state with all fault cleared and
ENx = 0 (standby)
INA =INB =0; Tj = 25°C;
VCC =13V
36
µA
Off-state with all fault cleared and
ENx = 0 (standby)
INA =INB =0; VCC =13 V;
Tj = -40°C to 150°C
10
µA
Off-state (no standby)
INA =INB = 0; ENx = 5 V;
Tj = -40°C to 150°C
5mA
On-state: INA or INB =5 V
3
6
mA
RONHS Static high-side resistance
IOUT = 2 A; Tj = 25°C
110
m
Ω
IOUT = 2 A; Tj = -40 to 150°C
250
m
Ω
RONLS
Static low-side resistance
IOUT = 2A; Tj =25°C
75
m
Ω
IOUT = 2 A; Tj = -40°C to 150°C
150
m
Ω
Vf
Free-wheeling diode
forward voltage
IOUT =-2 A; Tj = 150°C
0.7
0.9
V
IL(off)
High-side off-state output
current (per channel)
Tj =25°C; VOUTX =ENX =0 V;
VCC =13V
03
µA
Tj = 125°C; VOUTX =ENX =0 V;
VCC =13 V
05
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com