Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5200AS-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNH5200AS-E
Description  Fully integrated H-bridge motor driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200AS-E Datasheet(HTML) 1 Page - STMicroelectronics

  VNH5200AS-E Datasheet HTML 1Page - STMicroelectronics VNH5200AS-E Datasheet HTML 2Page - STMicroelectronics VNH5200AS-E Datasheet HTML 3Page - STMicroelectronics VNH5200AS-E Datasheet HTML 4Page - STMicroelectronics VNH5200AS-E Datasheet HTML 5Page - STMicroelectronics VNH5200AS-E Datasheet HTML 6Page - STMicroelectronics VNH5200AS-E Datasheet HTML 7Page - STMicroelectronics VNH5200AS-E Datasheet HTML 8Page - STMicroelectronics VNH5200AS-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
November 2015
DocID023424 Rev 9
1/31
VNH5200AS-E
Fully integrated H-bridge motor driver for automotive applications
Datasheet
- production data
Features
• Automotive qualified
• Output current: 8 A
• 3 V CMOS-compatible inputs
• Undervoltage shutdown
• Overvoltage clamp
• Thermal shutdown
• Cross-conduction protection
• Current and power limitation
• Very low standby power consumption
• Protection against loss of ground and loss of
VCC
• Current sense output proportional to motor
current
• Output protected against short to ground and
short to VCC
• Package: ECOPACK®
Description
The VNH5200AS-E is a full bridge motor driver
intended for a wide range of automotive
applications. The device incorporates a dual
monolithic high-side driver and two low-side
switches.
Both switches are designed using
STMicroelectronics’ well known and proven
proprietary VIPower® M0 technology that allows
to efficiently integrate on the same die a true
Power MOSFET with an intelligent
signal/protection circuitry. The three dies are
assembled in SO-16N package on electrically
isolated leadframes.
Moreover, its fully symmetrical mechanical design
allows superior manufacturability at board level.
The input signals INA and INB can directly
interface the microcontroller to select the motor
direction and the brake condition. The
DIAGA/ENA or DIAGB/ENB, when connected to an
external pull-up resistor, enables one leg of the
bridge. Each DIAGA/ENA provides a feedback
digital diagnostic signal as well. The normal
operating condition is explained in the truth table.
The CS pin allows to monitor the motor current by
delivering a current proportional to its value.
Type
RDS(on)
Iout
VCCmax
VNH5200AS-E
200 m
Ω typ
(per leg)
8A
41 V
Table 1. Device summary
Package
Order codes
Tube
Tape and reel
SO-16N
VNH5200AS-E
VNH5200ASTR-E
www.st.com


Similar Part No. - VNH5200AS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH5200AS-E STMICROELECTRONICS-VNH5200AS-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VNH5200AS-E STMICROELECTRONICS-VNH5200AS-E Datasheet
2Mb / 2P
Fully-protected, eco-friendly motor control solutions
More results

Similar Description - VNH5200AS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Rev. 1
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com