Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA199 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA199
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA199 Datasheet HTML 12Page - Texas Instruments INA199 Datasheet HTML 13Page - Texas Instruments INA199 Datasheet HTML 14Page - Texas Instruments INA199 Datasheet HTML 15Page - Texas Instruments INA199 Datasheet HTML 16Page - Texas Instruments INA199 Datasheet HTML 17Page - Texas Instruments INA199 Datasheet HTML 18Page - Texas Instruments INA199 Datasheet HTML 19Page - Texas Instruments INA199 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
are satisfied with a 10-Ω resistor along with conventional Zener diodes of the lowest power rating that can be
found. This combination uses the least amount of board space. These diodes can be found in packages as
small as SOT-523 or SOD-523. See TIDA-00302 Transient Robustness for Current Shunt Monitor Design Guide,
TIDU473 for more information on transient robustness and current-shunt monitor input protection.
V+
OUT
GND
IN-
IN+
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
1 MW
R
PROTECT
10 W
R
PROTECT
10 W
R
3
1 MW
R
4
Figure 7-5. INA199 Transient Protection Using Dual Zener Diodes
In the event that low-power zeners do not have sufficient transient absorption capability and a higher power
transzorb must be used, the most package-efficient solution then involves using a single transzorb and back-to-
back diodes between the device inputs. The most space-efficient solutions are dual series-connected diodes in a
single SOT-523 or SOD-523 package. This method is shown in Figure 7-6. In either of these examples, the total
board area required by the INA199 with all protective components is less than that of an SO-8 package, and only
slightly greater than that of an MSOP-8 package.
V+
OUT
GND
IN-
IN+
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
1 MW
R
PROTECT
10 W
R
PROTECT
10 W
R
3
1 MW
R
4
Figure 7-6. INA199 Transient Protection Using a Single Transzorb and Input Clamps
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com