Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA199 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA199
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA199 Datasheet HTML 15Page - Texas Instruments INA199 Datasheet HTML 16Page - Texas Instruments INA199 Datasheet HTML 17Page - Texas Instruments INA199 Datasheet HTML 18Page - Texas Instruments INA199 Datasheet HTML 19Page - Texas Instruments INA199 Datasheet HTML 20Page - Texas Instruments INA199 Datasheet HTML 21Page - Texas Instruments INA199 Datasheet HTML 22Page - Texas Instruments INA199 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
input signal increases negatively, the output voltage moves downward from the saturated supply voltage. The
voltage applied to the REF pin must not exceed the device supply voltage.
8.2.1.3 Application Curve
An example output response of a unidirectional configuration is shown in Figure 8-2. With the REF pin
connected directly to ground, the output voltage is biased to this zero output level. The output rises above
the reference voltage for positive differential input signals but cannot fall below the reference voltage for negative
differential input signals because of the grounded reference voltage.
Time (500 µs /div)
Output
VREF
C001
0V
Figure 8-2. Unidirectional Application Output Response
8.2.2 Bidirectional Operation
-
Reference
Voltage
CBYPASS
0.1 µF
Output
-
+
IN-
IN+
GND
V+
OUT
REF
Power Supply
Bus Supply
Load
Copyright © 2017, Texas Instruments Incorporated
Figure 8-3. Bidirectional Application Schematic
8.2.2.1 Design Requirements
The device is a bidirectional, current-sense amplifier capable of measuring currents through a resistive shunt
in two directions. This bidirectional monitoring is common in applications that include charging and discharging
operations where the current flow-through resistor can change directions.
8.2.2.2 Detailed Design Procedure
The ability to measure this current flowing in both directions is enabled by applying a voltage to the REF pin;
see Figure 8-3. The voltage applied to REF (VREF) sets the output state that corresponds to the zero-input level
www.ti.com
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com