Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA199 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA199
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA199 Datasheet HTML 2Page - Texas Instruments INA199 Datasheet HTML 3Page - Texas Instruments INA199 Datasheet HTML 4Page - Texas Instruments INA199 Datasheet HTML 5Page - Texas Instruments INA199 Datasheet HTML 6Page - Texas Instruments INA199 Datasheet HTML 7Page - Texas Instruments INA199 Datasheet HTML 8Page - Texas Instruments INA199 Datasheet HTML 9Page - Texas Instruments INA199 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VS = 5 V, VIN+ = 12 V, VSENSE = VIN+ – VIN–, and VREF = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
Version A, TA = –40°C to 125°C
–0.3
26
V
Version B and C, TA = –40°C to 125°C
–0.1
26
CMR
Common-mode rejection
VIN+ = 0 V to 26 V, VSENSE = 0 mV,
TA = –40°C to 125°C
100
120
dB
VOS
Offset voltage, RTI(1)
VSENSE = 0 mV
±5
±150
μV
dVOS/dT VOS vs temperature
TA = –40°C to 125°C
0.1
0.5
μV/°C
PSR
Power supply rejection
VS = 2.7 V to 18 V,
VIN+ = 18 V, VSENSE = 0 mV
±0.1
μV/V
IB
Input bias current
VSENSE = 0 mV
28
μA
IOS
Input offset current
VSENSE = 0 mV
±0.02
μA
OUTPUT
G
Gain
INA199x1
50
V/V
INA199x2
100
INA199x3
200
Gain error
Version A and B, VSENSE = –5 mV to
5 mV, TA = –40°C to 125°C
±0.03%
±1.5%
Version C, VSENSE = –5 mV to 5 mV,
TA = –40°C to 125°C
±0.03%
±1%
Gain error vs temperature
TA = –40°C to 125°C
3
10 ppm/°C
Nonlinearity error
VSENSE = –5 mV to 5 mV
±0.01%
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT(2)
Swing to V+ power-supply rail
RL = 10 kΩ to GND, TA = –40°C to 125°C
(V+) –
0.05
(V+) –
0.2
V
Swing to GND
RL = 10 kΩ to GND, TA = –40°C to 125°C
(VGND) +
0.005
(VGND) +
0.05
V
FREQUENCY RESPONSE
GBW
Bandwidth
CLOAD = 10 pF, INA199x1
80
kHz
CLOAD = 10 pF, INA199x2
30
CLOAD = 10 pF, INA199x3
14
SR
Slew rate
0.4
V/μs
NOISE, RTI(1)
Voltage noise density
25
nV/√ Hz
POWER SUPPLY
VS
Operating voltage range
TA = –40°C to 125°C
2.7
26
V
–20°C to 85°C
2.5
26
IQ
Quiescent current
VSENSE = 0 mV
65
100
μA
IQ over temperature
TA = –40°C to 125°C
115
μA
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–40
125
°C
θJA
Thermal resistance
SC70
250
°C/W
UQFN
80
(1)
RTI = Referred-to-input.
(2)
See Typical Characteristic curve, Output Voltage Swing vs Output Current (Figure 6-6).
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com