Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA199 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA199
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA199 Datasheet HTML 16Page - Texas Instruments INA199 Datasheet HTML 17Page - Texas Instruments INA199 Datasheet HTML 18Page - Texas Instruments INA199 Datasheet HTML 19Page - Texas Instruments INA199 Datasheet HTML 20Page - Texas Instruments INA199 Datasheet HTML 21Page - Texas Instruments INA199 Datasheet HTML 22Page - Texas Instruments INA199 Datasheet HTML 23Page - Texas Instruments INA199 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
state. The output then responds by increasing above VREF for positive differential signals (relative to the IN– pin)
and responds by decreasing below VREF for negative differential signals. This reference voltage applied to the
REF pin can be set anywhere between 0 V to V+. For bidirectional applications, VREF is typically set at mid-scale
for equal signal range in both current directions. In some cases, however, VREF is set at a voltage other than
mid-scale when the bidirectional current and corresponding output signal do not need to be symmetrical.
8.2.2.3 Application Curve
Time (500 µs/div)
VOUT
VREF
C002
0V
Figure 8-4. Bidirectional Application Output Response
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com