Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA199 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA199
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199 Datasheet(HTML) 3 Page - Texas Instruments

  INA199 Datasheet HTML 1Page - Texas Instruments INA199 Datasheet HTML 2Page - Texas Instruments INA199 Datasheet HTML 3Page - Texas Instruments INA199 Datasheet HTML 4Page - Texas Instruments INA199 Datasheet HTML 5Page - Texas Instruments INA199 Datasheet HTML 6Page - Texas Instruments INA199 Datasheet HTML 7Page - Texas Instruments INA199 Datasheet HTML 8Page - Texas Instruments INA199 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
4 Device Comparison Table
PRODUCT
GAIN
R3 AND R4
R1 AND R2
INA199x1
50
20 kΩ
1 MΩ
INA199x2
100
10 kΩ
1 MΩ
INA199x3
200
5 kΩ
1 MΩ
5 Pin Configuration and Functions
1
2
3
6
5
4
OUT
IN
-
IN+
REF
GND
V+
Figure 5-1. DCK Package 6-Pin SC70 Top View
NC
(1)
V+
NC
(1)
IN+
IN+
IN-
IN-
REF
8
9
10
5
4
3
1
2
7
6
GND
OUT
Figure 5-2. RSW Package 10-Pin UQFN Top View
A.
NC(1) denotes no internal connection. These pins can be left floating or connected to any voltage between GND and V+.
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
SC70
UQFN
GND
2
9
Analog
Ground
IN–
5
4, 5
Analog input
Connect to load side of shunt resistor.
IN+
4
2, 3
Analog input
Connect to supply side of shunt resistor.
NC
—
1, 7
—
Not internally connected. Leave floating or connect to ground.
OUT
6
10
Analog output Output voltage
REF
1
8
Analog input
Reference voltage, 0 V to V+
V+
3
6
Analog
Power supply, 2.7 V to 26 V
www.ti.com
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com