Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
-10
-5
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
100
POUT (dBm)
20MHz
1MHz
VG = VGMID = 1.0V
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VG (V)
20
30
40
50
60
70
80
90
HD2, 0.25VPP
HD3, 0.25VPP
HD3, 1VPP
HD2,1VPP
HD2, 2VPP
HD3, 2VPP
f = 20MHz
-10
-5
0
5
10
15
20
POUT (dBm)
40
50
60
70
80
90
100
HD2, 20MHz
HD3, 20MHz
HD2, 1MHz
HD3, 1MHz
-10
-5
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
100
POUT (dBm)
20MHz
1MHz
VG = VGMAX = 2.0V
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
IOUT (mA)
SOURCE
SINK
VIN_DIFF = ±0.5V
0
20
40
60
80
100 120 140 160
FREQUENCY (MHz)
10
12
14
16
18
20
22
24
RF = 620:
RF = 1.46k:
VG = VGMAX
RG = 160:
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
−1dB Compression
Output Voltage vs. Output Current
Figure 45.
Figure 46.
HD2 & HD3 vs. POUT
THD vs. POUT
Figure 47.
Figure 48.
THD vs. POUT
HD2 & HD3 vs. VG
Figure 49.
Figure 50.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com