Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
1k
100k
100M
FREQUENCY (Hz)
-120
-80
0
10M
1M
10k
-20
-60
-100
-40
MAX GAIN
MID GAIN
VS = ±5V
AVMAX = 10
PIN = 0dBm
SEE NOTE 9
1k
100k
100M
FREQUENCY (Hz)
-120
-80
0
10M
1M
10k
-20
-60
-100
-40
VS = ±2.5V
AVMAX = 10
PIN = 0dBm
SEE NOTE 9
0
1k
100k
100M
FREQUENCY (Hz)
-80
-50
10M
1M
10k
-20
-30
-60
-70
-40
-10
VS = ±5V
VG = VGMAX
+PSRR
-PSRR
SEE NOTE 10
1k
100k
100M
FREQUENCY (Hz)
-45
-35
0
10M
1M
10k
-10
-15
-40
-5
-20
-25
-30
+PSRR
-PSRR
VS = ±2.5V
VG = VGMAX
SEE NOTE 10
-1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8
1
-2
0
2
4
6
8
10
12
VCM (V)
VS = ±2.5V
VIN_DIFF = 0.1V
VG = VGMAX
-40°C
85°C
25°C
-3
-2
-1
0
1
2
3
VCM (V)
0
2
4
6
8
10
12
25°C
85°C
-40°C
VS = ±5V
VIN_DIFF = 0.1V
VG = VGMAX
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
AVMAX vs. VCM
AVMAX vs. VCM
Figure 15.
Figure 16.
PSRR ±5V
PSRR ±2.5V
Figure 17.
Figure 18.
CMRR ±5V
CMRR ±2.5V
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com