Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
-0.5
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
18
20
VG (V)
-40°C
85°C
25°C
-40°C
85°C
-0.5
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
120
140
160
180
VG (V)
-40°C
85°C
25°C
-40°C
25°C
VG (V)
-1.4
-0.9
-0.4
0.1
0.6
-80
-70
-60
-50
-40
-30
30
1.1
-20
-10
0
10
20
VS = ±2.5V
RF = 1k:
RG = 170:
-0.5
0
0.5
1
1.5
2
2.5
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VG (V)
-40°C
25°C
85°C
100
1k
10k
100k
RF (:)
1
10
100
1000
RG = 27:
RG = 47:
RG = 1190:
RG = 466:
RG = 180:
RG = 100:
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
-80
-70
-60
-50
-40
-30
-10
0
20
30
VG (V)
10
-20
0
2
4
8
10
6
-40°C
25°C
85°C
-40°C
25°C
85°C
dB
V/V
VIN_DIFF = ±0.1V
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
BW vs. RF
Gain vs. VG (±5V)
Figure 33.
Figure 34.
Output Offset Voltage vs. VG
Gain vs. VG (±2.5V)
(Typical Unit #1)
Figure 35.
Figure 36.
Output Offset Voltage vs. VG
Output Offset Voltage vs. VG
(Typical Unit #2)
(Typical Unit #3)
Figure 37.
Figure 38.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com