Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6502MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF = 1kΩ, RG = 174Ω, VIN_DIFF
= ±0.1V, RL = 100Ω, VG = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(2)
Max(2)
Units
DP
Differential Phase
f = 4.43MHz, RL = 150Ω, Neg.
0.10
deg
Sync
DC & Miscellaneous Performance
GACCU
Gain Accuracy (See Application
VG = 2.0V
0.0
+0.6
dB
Information)
1V < VG < 2V
+0.6/
−0.3
+3.1/
−3.6
G Match
Gain Matching (See Application
VG = 2.0V
–
±0.6
dB
Information)
1 < VG < 2V
–
+2.8/
−3.9
K
Gain Multiplier (See Application
1.61
1.72
1.84
V/V
Information)
1.58
1.91
VCM
Input Voltage Range
Pin 3 & 6 Common Mode,
±2.0
±2.2
V
|CMRR| > 55dB(5)
±1.70
VIN_DIFF
Differential Input Voltage
Between pins 3 & 6
±0.3
±0.39
V
±0.12
I RG_MAX
RG Current
Pins 4 & 5
±1.70
±2.22
mA
±1.56
IBIAS
Bias Current
Pins 3 & 6(6)
9
18
20
µA
Pins 3 & 6(6),
2.5
5
VS = ±2.5V
6
TC IBIAS
Bias Current Drift
Pin 3 & 6(7)
100
nA/°C
I OFF
Offset Current
Pin 3 & 6
0.01
2.0
µA
3.6
TC IOFF
Offset Current Drift
See(7)
5
nA/°C
RIN
Input Resistance
Pin 3 & 6
750
k
Ω
CIN
Input Capacitance
Pin 3 & 6
5
pF
IVG
VG Bias Current
Pin 2, VG = 0V
(6)
−300
µA
TC IVG
VG Bias Drift
Pin 2(7)
20
nA/°C
R VG
VG Input Resistance
Pin 2
10
k
Ω
C VG
VG Input Capacitance
Pin 2
1.3
pF
VOUT
Output Voltage Range
RL = 100Ω
±3.00
±3.20
±2.95
V
RL = Open
±3.95
±4.00
±3.82
ROUT
Output Impedance
DC
0.1
Ω
IOUT
Output Current
VOUT = ±4V from Rails
±80
±90
mA
±75
VO OFFSET
Output Offset Voltage
0V < VG < 2V
±80
±300
mV
±380
+PSRR
+Power Supply Rejection Ratio(8)
Input Referred, 1V change,
−69
−47
dB
VG = 2.2V
−45
−PSRR
−Power Supply Rejection Ratio(8)
Input Referred, 1V change,
−58
−41
dB
VG = 2.2V
−40
CMRR
Common Mode Rejection Ratio(5)
Input Referred,VG = 2V
−72
dB
−1.8V < VCM < 1.8V
IS
Supply Current
No Load
27
38
41
mA
VS = ±2.5V, RL= Open
9.3
16
19
(5)
CMRR definition: [|
ΔVOUT/ΔVCM| / AV] with 0.1V differential input voltage.
(6)
Positive current corresponds to current flowing in the device.
(7)
Drift determined by dividing the change in parameter distribution average at temperature extremes by the total temperature change.
(8)
+PSRR definition: [|
ΔVOUT/ΔV
+| / A
V], −PSRR definition: [|ΔVOUT/ΔV
−| / A
V] with 0.1V differential input voltage.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com