Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6502MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
Check for Samples: LMH6502
1
FEATURES
DESCRIPTION
The
LMH™6502
is
a
wideband
DC
coupled
23
•
VS = ±5V, TA = 25°C, RF = 1kΩ, RG = 174Ω, RL =
differential
input
voltage
controlled
gain
stage
100
Ω, AV = AV(MAX) = 10 Typical Values Unless
followed by a high-speed current feedback Op Amp
Specified.
which can directly drive a low impedance load. Gain
•
-3dB BW: 130MHz
adjustment range is more than 70dB for up to 10MHz.
•
Gain Control BW: 100MHz
Maximum gain is set by external components and the
•
Adjustment Range (Typical Over Temp): 70dB
gain can be reduced all the way to cut-off. Power
consumption is 300mW with a speed of 130MHz.
•
Gain Matching (Limit): ±0.6dB
Output referred DC offset voltage is less than 350mV
•
Slew Rate: 1800V/µs
over the entire gain control voltage range. Device-to-
•
Supply Current (No Load): 27mA
device Gain matching is within ±0.6dB at maximum
gain. Furthermore, gain at any VG is tested and the
•
Linear Output Current: ±75mA
tolerance is ensured. The output current feedback Op
•
Output Voltage (RL = 100Ω): ±3.2V
Amp allows high frequency large signals (Slew Rate
•
Input Voltage Noise: 7.7nV/
√Hz
= 1800V/
μs) and can also drive heavy load current
•
Input Current Noise: 2.4pA/
√Hz
(75mA). Differential inputs allow common mode
rejection in low level amplification or in applications
•
THD (20MHz, RL = 100Ω, VO = 2VPP): −53dBc
where signals are carried over relatively long wires.
•
Replacement for CLC520
For single ended operation, the unused input can
easily be tied to ground (or to a virtual half-supply in
APPLICATIONS
single supply application). Inverting or non-inverting
gains could be obtained by choosing one input
•
Variable Attenuator
polarity or the other.
•
AGC
To provide ease of use when working with a single
•
Voltage Controller Filter
supply, VG range is set to be from 0V to +2V relative
•
Video Imaging Processing
to pin 11 potential (ground pin). In single supply
operation, this ground pin is tied to a "virtual" half
supply.
LMH6502 gain control is linear in dB for a large
portion of the total gain control range. This makes the
device
suitable
for
AGC
circuits
among
other
applications. For linear gain control applications, see
the LMH6503 datasheet. The LMH6502 is available in
the SOIC and TSSOP package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMH is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6502MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6502MA/NOPB TI-LMH6502MA/NOPB Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results

Similar Description - LMH6502MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
December 14, 2007
logo
Texas Instruments
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com