Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5CD080 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P5CD080
Description  Secure dual interface and contact PKI smart card controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD080 Datasheet(HTML) 3 Page - NXP Semiconductors

  P5CD080 Datasheet HTML 1Page - NXP Semiconductors P5CD080 Datasheet HTML 2Page - NXP Semiconductors P5CD080 Datasheet HTML 3Page - NXP Semiconductors P5CD080 Datasheet HTML 4Page - NXP Semiconductors P5CD080 Datasheet HTML 5Page - NXP Semiconductors P5CD080 Datasheet HTML 6Page - NXP Semiconductors P5CD080 Datasheet HTML 7Page - NXP Semiconductors P5CD080 Datasheet HTML 8Page - NXP Semiconductors P5CD080 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
3 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
1.5 SmartMX interfaces
1.5.1 SmartMX contact interface
Operating in accordance with ISO/IEC 7816, the SmartMX contact interface is supported
by a built-in Universal Asynchronous Receiver/Transmitter (UART), which enables data
rates of up to 1 Mbit/s allowing for the automatic generation of all typical baud rates and
supports transmission protocols T = 0 and T = 1. Either one or two additional IOs are
available.
1.5.2 SmartMX contactless interface
The optional contactless interface is fully compatible with ISO/IEC 14443 A as well as
NXP Semiconductors field proven MIFARE technology. A dedicated Contactless Interface
Unit (CIU) manages and supports communication using data rates of up to 848 kbit/s. A
true anti-collision method (according to ISO/IEC 14443-3) enables multiple cards to be
handled simultaneously.
The optional MIFARE functionality provided in configurations B1 (MIFARE 1 KB
emulation) and B4 (MIFARE 4 KB emulation) safeguard the interface compatibility with
any installed MIFARE infrastructure. The ability to run the MIFARE protocol concurrently
with other contactless transmission protocols implemented by the user OS (T = CL or self
defined) enables the combination of new services and existing applications based on
MIFARE (e.g. ticketing) on a single dual interface controller based smart card.
A tutorial software library for ISO/IEC 14443-3 and ISO/IEC 14443-4 is available to
support NXP Semiconductors customers for easy integration of the contactless
technology into current system solutions.
1.5.3 SmartMX S2C interface
The S2C interface is intended for use with NXP Semiconductors NFC circuits (e.g. PN511,
PN531) in order to configure a secure NFC system, e.g. in mobile hand sets.
Operated both in Contact mode (ISO/IEC 7816) and in S2C mode the user defines the
final function of the controller chip with its operating system. This allows the same level of
security, functionality and flexibility for the contact interface as well as for S2C interface.
The S2C interface is connected to the internal ISO 14443 CIU. The CIU handles the
demodulation and the modulation of the S2C signals in a way that a full contactless
communication via this interface and the NFC IC can be enabled. As the S2C interface is
connected to the CIU the power of the P5CN080/P5CN144 has to be supplied via the
VDD and VSS pads to use the S2C interface. The S2C interface does not need any
software adaptation compared to the normal contactless operation.
Connected to the S2C interface of a NFC IC the device is compatible with existing MIFARE
reader infrastructure and the optional emulation modes of MIFARE 1 KB or MIFARE 4 KB
enable fast system integration and backward compatibility to MIFARE based cards. The
communication on the S2C interface supports both the ISO/IEC 14443 A part 3 and the
ISO/IEC 14443 part 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com