| Electronic Components Datasheet Search |
|
P5CD080 Datasheet(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5CD080 Datasheet(HTML) 4 Page - NXP Semiconductors |
|
4 / 18 page ![]() P5CX012_02X_40_73_80_144_FAM_SDS_3 © NXP B.V. 2008. All rights reserved. Objective short data sheet Rev. 03 — 24 January 2008 4 of 18 NXP Semiconductors P5Cx012/02x/40/73/80/144 family Secure dual interface and contact PKI smart card controller 1.6 Security features SmartMX incorporates a big range of both inherent and OS controlled security features as counter measure against all types of attacks. NXP Semiconductors has used the deep knowledge of chip security, combined with the used handshaking circuit technology, the very dense 5-metal-layer 0.14 µm technology, glue logic and active shielding methodology for optimum results in CC EAL5+, EMVCo and other third party certifications and approvals. SmartMX Memory Management Unit (MMU), designed to define various memory segments and assign security attributes accordingly, supports a strong firewall concept that keeps different applications separate from each other. Only the System mode has full access privileges to all memory space and on-chip peripherals, while the User mode only has privileges defined upon card personalization and executed under the control of the System mode. 1.7 Security evaluation and certificates The reached target of the certification is CC EAL5+. Also third party approvals like e.g. EMVCo (Visa, CAST), ZKA and others, depending on the application requirements, are available. NXP Semiconductors continues to drive forward third party security evaluations to provide its customers with the relevant information and documentation needed to execute subsequent composite evaluations of implemented applications. 1.8 Optional crypto library NXP Semiconductors will offer for all family types an optional crypto library: • Various algorithms – AES encryption and decryption using the AES coprocessor – DES and Triple-DES encryption and decryption using the DES coprocessor – RSA encryption and decryption, signature generation and verification for straightforward and CRT keys up to 5024 bits – RSA key generation – ECC over GF(p) signature generation and verification (ECDSA) and Diffie-Hellman key exchange for keys up to 544 bits – ECC over GF(p) key generation – ECC over GF(2n) signature generation and verification (ECDSA) and Diffie-Hellman key exchange for keys up to 571 bits – ECC over GF(2n) key generation – SHA-1, SHA-224 and SHA-256 hash algorithm – Pseudo-Random Number Generator (PRNG) • Easy to use API for all algorithms • Secure operation in contact as well as in the contactless mode • Latest built-in security features to avoid power (SPA/DPA), timing and fault attacks (DFA) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |