| Electronic Components Datasheet Search |
|
P5CD080 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5CD080 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 18 page ![]() P5CX012_02X_40_73_80_144_FAM_SDS_3 © NXP B.V. 2008. All rights reserved. Objective short data sheet Rev. 03 — 24 January 2008 7 of 18 NXP Semiconductors P5Cx012/02x/40/73/80/144 family Secure dual interface and contact PKI smart card controller 2.3 Security features I Enhanced security sensors: N Low and high clock frequency sensor N Low and high temperature sensor N Low and high supply voltage sensor N Single Fault Injection (SFI) attack detection N Light sensors (included integrated memory light sensor functionality) I Electronic fuses for safeguarded mode control I Active shielding I Unique ID for each die I Clock input filter for protection against spikes I Power-up and power-down reset I Optional programmable card disable feature I Memory security (encryption and physical measures) for RAM, EEPROM and ROM I Memory Management Unit (MMU) including memory protection: N Secure multi application operating systems via two different operation modes: System mode and User mode N OS controlled access restriction mechanism to peripherals in User mode N Memory mapping up to 8-MB code memory N Memory mapping up to 8-MB (64-kbit) data memory I Optional disabling of ROM read instructions by code executed in EEPROM I Optional disabling of any code execution out of RAM I EEPROM programming: N No external clock N Hardware sequencer controlled N On-chip high voltage generation N Enhanced error correction mechanism I 64-B or 128-B EEPROM for customer-defined Security FabKey. Featuring batch, wafer or die-individual security data, included encrypted diversification features on request I 14 B user write protected security area in EEPROM (byte access, inhibit functionality per byte) I 32 B write once security area in EEPROM (bit access) I 32 B user read only area in EEPROM (byte access) I Customer specific EEPROM initialization available |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |