Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5CD080 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P5CD080
Description  Secure dual interface and contact PKI smart card controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD080 Datasheet(HTML) 1 Page - NXP Semiconductors

  P5CD080 Datasheet HTML 1Page - NXP Semiconductors P5CD080 Datasheet HTML 2Page - NXP Semiconductors P5CD080 Datasheet HTML 3Page - NXP Semiconductors P5CD080 Datasheet HTML 4Page - NXP Semiconductors P5CD080 Datasheet HTML 5Page - NXP Semiconductors P5CD080 Datasheet HTML 6Page - NXP Semiconductors P5CD080 Datasheet HTML 7Page - NXP Semiconductors P5CD080 Datasheet HTML 8Page - NXP Semiconductors P5CD080 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
1.1 SmartMX family approach
The new CMOS14 SmartMX family members feature a modular set of devices with:
• 12 KB to 144 KB EEPROM
• 200 KB user ROM
• 6144 B RAM
• High-performance secured Public Key Infrastructure (PKI) coprocessor (RSA, ECC)
• Secured dual/triple-DES coprocessor
• Secured AES coprocessor
• Memory Management Unit (MMU)
• ISO/IEC 7816 contact interface
• Optional ISO/IEC 14443 A Contactless Interface Unit (CIU)
• Optional S2C interface for NFC communication link
• 5-metal-layer 0.14
µm CMOS technology
• EEPROM with typical 500000 cycles endurance and minimum 20 years retention time
• Broad spectrum of delivery types
• Optional certified crypto library modules for RSA, ECC, DES, AES, SHA and PRNG
1.2 SmartMX family properties
The long-term approved SmartMX family features a significantly enhanced secure smart
card IC architecture. Extended instructions for Java and C code, linear addressing, high
speed at low power and a universal memory management unit are among many other
improvements added to the classic 80C51 core architecture. The technology transfer step
from 5-metal-layer 0.18
µm to 5-metal-layer 0.14 µm CMOS technology offers now even
more advantages in terms of security features, memory resources, crypto coprocessor
calculation speed for RSA and ECC as well as availability of secure hardware support for
2/3-key Digital Encryption Standard (DES) and Advanced Encryption Standard (AES)
operations.
The availability of contact interface, optional contactless or S2C interface enables the easy
implementation of native or open platform and multi-application operating systems in
market segments like e.g. banking, E-passport, ID card, Health Card, secure access, Java
card, Near Field Communication (NFC) connectable mobile hand sets as well as Trusted
Platform Modules (TPM).
P5Cx012/02x/40/73/80/144
family
Secure dual interface and contact PKI smart card controller
Rev. 03 — 24 January 2008
Objective short data sheet


Similar Part No. - P5CD080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD081 NXP-P5CD081 Datasheet
159Kb / 20P
Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD081A4 NXP-P5CD081A4 Datasheet
159Kb / 20P
Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD081A6 NXP-P5CD081A6 Datasheet
159Kb / 20P
Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD081UA NXP-P5CD081UA Datasheet
159Kb / 20P
Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD081UE NXP-P5CD081UE Datasheet
159Kb / 20P
Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
More results

Similar Description - P5CD080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
logo
NXP Semiconductors
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
Secure contact PKI smart card controller
Rev. 3-22 August 2012
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
logo
NXP Semiconductors
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com