Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5CD080 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P5CD080
Description  Secure dual interface and contact PKI smart card controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD080 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P5CD080 Datasheet HTML 5Page - NXP Semiconductors P5CD080 Datasheet HTML 6Page - NXP Semiconductors P5CD080 Datasheet HTML 7Page - NXP Semiconductors P5CD080 Datasheet HTML 8Page - NXP Semiconductors P5CD080 Datasheet HTML 9Page - NXP Semiconductors P5CD080 Datasheet HTML 10Page - NXP Semiconductors P5CD080 Datasheet HTML 11Page - NXP Semiconductors P5CD080 Datasheet HTML 12Page - NXP Semiconductors P5CD080 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
9 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
4.
Quick reference data
[1]
In case of extended Class B (Class BE) operation mode (targeted for battery supplied applications), the
class C is not supported.
5.
Ordering information
Table 2.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
Class A: 5 V range
4.5
5.0
5.5
V
Class B: 3 V range
2.7
3.0
3.3
V
Class BE: 3 V range
[1] 2.2
3.0
3.3
V
Class C: 1.8 V range
1.62
1.8
1.98
V
Table 3.
Ordering information
Type number
Package
Name
Description
Version
P5CC021UA
FFC
8 inch wafer (sawn; 150
µm thickness; on film
frame carrier; electronic fail die marking according
to SECSII format)
<tbd>
P5CC040UA
P5CC073UA
P5CC080UA
P5CC144UA
P5CD012UA
P5CD020UA
P5CD040UA
P5CD080UA
P5CD144UA
P5CN080UA
P5CN144UA
P5CD012UE
FFC
8 inch wafer (sawn; 75
µm thickness; on film frame
carrier; electronic fail die marking according to
SECSII format)
<tbd>
P5CD020UE
P5CD040UE
P5CD080UE
P5CD144UE
P5CC021XS
PCM1.1
contact chip card module (super 35 mm format,
8-contact)
SOT658
P5CC040XS
P5CC073XS
P5CC080XS
P5CC144XS
P5CD012X1
PDM1.1
contactless chip card module (Plug-in type; super
35 mm format, 8-contact)
SOT658
P5CD020X1
P5CD040X1
P5CD080X1
P5CD144X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com