Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1085 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STA1085
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1085 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STA1085 Datasheet HTML 54Page - STMicroelectronics STA1085 Datasheet HTML 55Page - STMicroelectronics STA1085 Datasheet HTML 56Page - STMicroelectronics STA1085 Datasheet HTML 57Page - STMicroelectronics STA1085 Datasheet HTML 58Page - STMicroelectronics STA1085 Datasheet HTML 59Page - STMicroelectronics STA1085 Datasheet HTML 60Page - STMicroelectronics STA1085 Datasheet HTML 61Page - STMicroelectronics STA1085 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
58/127
DS13319 Rev 2
4.5
Recommended DC Operating Conditions
Table 22 lists the functional recommended operating DC parameters for STA10xx.
Table 22. Recommended DC Operating Conditions
Symbol
Parameter
Limit Values
Unit
Min
Typ
Max
VDD
SR
Digital supply voltage
1.14
1.2
1.26
V
VDD_IO
SR
I/O supply voltage (I/Os is switchable
domain)
3.0
3.3
3.6
V
VDD_IO_ON
SR
I/O supply voltage (I/Os in always ON
domain)
3.0
3.3
3.6
V
VADC2_AVDD
SR
Analog supply voltage for SAR ADC
3.0
3.3
3.6
V
VDAC_AVDD
SR
Analog supply voltage for DAC
3.0
3.3
3.6
V
VDAC_IO_AVDD
SR
IO supply voltage for in DAC/SDADC IO
ring section.
3.0
3.3
3.6
V
VUSB_VREG_3V3_1V1
SR
Voltage Supply for 3V3TO1V1 USB
Regulator.
3.0
3.3
3.6
V
VDD_USB_VREG3V3_1V8
SR
Voltage supply for 3V3TO1V8 USB
Regulator. (1)
3.0
3.3
3.6
V
VDD_USB0_VDD3V3
SR
3.3V dedicated power supply to USB0
PHY. (1)
3.0
3.3
3.6
V
VDD_USB1_VDD3V3
SR
3.3V dedicated power supply to USB0
PHY. (1)
3.0
3.3
3.6
V
VDD_PLL_VREG3V3
SR
Voltage power supply for SOC PLL. (2)
3.0
3.3
3.6
V
VADC0_1_AVDD
SR
Voltage power supply for ADC0 and
ADC1.
3.0
3.3
3.6
V
1. VDD_USB0_VDD3V3, VDD_USB1_VDD3V3 and VDD_USB_VREG3V3_1V8 are internally shorted.
2. VDD_PLL_VREG3V3 is internally shorted with VDD_IO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com