Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1085 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STA1085
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1085 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STA1085 Datasheet HTML 76Page - STMicroelectronics STA1085 Datasheet HTML 77Page - STMicroelectronics STA1085 Datasheet HTML 78Page - STMicroelectronics STA1085 Datasheet HTML 79Page - STMicroelectronics STA1085 Datasheet HTML 80Page - STMicroelectronics STA1085 Datasheet HTML 81Page - STMicroelectronics STA1085 Datasheet HTML 82Page - STMicroelectronics STA1085 Datasheet HTML 83Page - STMicroelectronics STA1085 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
80/127
DS13319 Rev 2
4.15
I2S and SAI Ports Timings
4.15.1
I2S (MSP) Input Timings
4.15.2
SAI Input Timings
Table 45. I2S (MSP) Input Timings
Symbol
Parameter
Timing
Unit
Cload
[pF]
Min
Max
tc
S
Bitclock Frequency
-
25
MHz
25
tclk
S
Bitclock time period
40
-
ns
-
twss
(Slave Mode)
S
Word select input setup time
4
-
ns
25
twsh
(Slave Mode)
S
Word select input hold time
4
-
ns
25
Tds
S
Data input setup time
4
-
ns
25
Tdh
S
Data input hold time
4
-
ns
25
Table 46. SAI Input Timings
Symbol
Parameter
Timing
Unit
Cload
[pF]
Min
Max
tc
S
Clock frequency
-
25
MHz
25
tclk
S
Clock time period
40
-
ns
-
twss
(Slave Mode)
S
Word select input Setup time
4
-
ns
25
twsh
(Slave Mode)
S
Word select input Hold time
4
-
ns
25
Tds
S
Data input setup time
4
-
ns
25
Tdh
S
Data input hold time
4
-
ns
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com