Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1085 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STA1085
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1085 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STA1085 Datasheet HTML 85Page - STMicroelectronics STA1085 Datasheet HTML 86Page - STMicroelectronics STA1085 Datasheet HTML 87Page - STMicroelectronics STA1085 Datasheet HTML 88Page - STMicroelectronics STA1085 Datasheet HTML 89Page - STMicroelectronics STA1085 Datasheet HTML 90Page - STMicroelectronics STA1085 Datasheet HTML 91Page - STMicroelectronics STA1085 Datasheet HTML 92Page - STMicroelectronics STA1085 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
DS13319 Rev 2
89/127
STA108x, STA109x
Electrical Characteristics
126
4.19
SQI Timings
Table 54. SQI Timings
Figure 28. SQI Timings
Symbol
Parameter
Timing
Unit
Cload
[pF]
Min
Max
Fc
S
Clock frequency
-
125
MHz
20
tISU
S
Input setup time
0
-
ns
20
tIH
S
Input hold time
2.5
-
ns
20
tODLY-max
S
Data output delay
-
1
ns
20
tODLY-min
S
Data hold time
0
-
ns
20
DATA
DATA
SQI_SIO
SQI_SIO
SQI_SCK
DATA
DATA
tODLY-max
tIH
tpp = 1/Fc
50% VDD
50% VDD
tISU
tODLY-min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com