Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1085 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STA1085
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1085 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STA1085 Datasheet HTML 88Page - STMicroelectronics STA1085 Datasheet HTML 89Page - STMicroelectronics STA1085 Datasheet HTML 90Page - STMicroelectronics STA1085 Datasheet HTML 91Page - STMicroelectronics STA1085 Datasheet HTML 92Page - STMicroelectronics STA1085 Datasheet HTML 93Page - STMicroelectronics STA1085 Datasheet HTML 94Page - STMicroelectronics STA1085 Datasheet HTML 95Page - STMicroelectronics STA1085 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
92/127
DS13319 Rev 2
4.19.2
Clock Constraint
A frequency clock relationship must be always respected in the configuration of HCLK and
SQI_CLK. This condition must be respected to ensure that the system works correctly in all
voltage, temperature and process conditions.
PLL1 SSCG (Spread Spectrum Clock Generation) Disabled
Figure 31. PLL1 Clock Diagram (SSCG Disabled)
The constraint to be respected is:
PLL1 SSCG (Spread Spectrum Clock Generation) Enabled
Figure 32. PLL1 Clock Diagram (SSCG Enabled)
The constraint to be respected is:
If the Spread Spectrum clock modulation is applied in the configuration of PLL1, the real
clock will be modulated between HCLK and HCLKMIN, so the minimum frequency of HCLK
(HCLKMIN) will be lower than HCLK by 2 % or 4 % depending on the configured modulation
width. With respect to HCLK, the constraint is expressed as:
where SSCG = 0, 0.02, 0.04
HCLK
SQI_CLK
2
----------------------------

 1.15
HCLKMIN
SQI_CLK
2
----------------------------

 1.15
HCLK
SQI_CLK
2
----------------------------


1.15
1 SSCG
–
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com