Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1085 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STA1085
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1085 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STA1085 Datasheet HTML 65Page - STMicroelectronics STA1085 Datasheet HTML 66Page - STMicroelectronics STA1085 Datasheet HTML 67Page - STMicroelectronics STA1085 Datasheet HTML 68Page - STMicroelectronics STA1085 Datasheet HTML 69Page - STMicroelectronics STA1085 Datasheet HTML 70Page - STMicroelectronics STA1085 Datasheet HTML 71Page - STMicroelectronics STA1085 Datasheet HTML 72Page - STMicroelectronics STA1085 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
DS13319 Rev 2
69/127
STA108x, STA109x
Electrical Characteristics
126
4.10
Touch Screen Controller (TSC) Electrical Characteristics
The following table lists the electrical characteristics of the TSC.
4.11
Regulator Specifications
4.11.1
Always-on LDO (3V3 TO 1V2 Low Power Regulator)
Table 32. Touch screen controller
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDTSC
SR Full scale voltage input span(1)
-
3.0
3.3
3.6
V
CIN
S
Total input capacitance(2)
--
-
13
pF
ILEAK
S
Input leakage
-
-2
-
+2
µA
tSETTLE
S
Panel settling time(3)
-0.01
-
100
ms
tTOUCH
S
Touch detect delay(3)
-0.01
-
50
ms
RON-P
P
Y+, X+ drivers on resistance
IOH = -30 mA
-
-
12
RON-N
P
Y-, X- drivers on resistance
IOL = +30 mA
-
-
13
IPANEL
P
Panel driver current capability
-
-
-
30
mA
VTOUCH
P
Touch detect comparator threshold(4)
VDDTSC = 3.0 V
2.1
-
-
V
VTOHYS
S
Touch detect comparator hysteresis
-
300
-
-
mV
1. It is the same as ADC voltage reference range.
2. Equivalent to Cp1 + Cp2 + Cs in ADC section.
3. Controlled by the Touch Screen Configuration Register (TSCCONFIG).
4. Measured as VIH on X+ input.
Table 33. 3V3 TO 1V2 Low Power Regulator
Symbol
Parameter
Limit values
Unit
Min
Typ
Max
VASupply
SR
Analog Supply
3.0
3.3
3.6
V
Vout(@100µA)
P
Output Voltage @ Iload = max
1.14
1.2
1.26
V
Cload
SR
Total off chip capacitance value(1)
--
2.2
nF
PSRR
S
Power supply rejection at DC @ Full load
-
-50
-40
dB
PSRR
S
Power supply rejection at 1MHz @ Full
load
--50
-40
dB
Tstart
S
Start up time from power down to active
-
-
500
µs
1. This is mandatory for proper device functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com