Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-34C02A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-34C02A Datasheet HTML 1Page - Seiko Instruments Inc S-34C02A Datasheet HTML 2Page - Seiko Instruments Inc S-34C02A Datasheet HTML 3Page - Seiko Instruments Inc S-34C02A Datasheet HTML 4Page - Seiko Instruments Inc S-34C02A Datasheet HTML 5Page - Seiko Instruments Inc S-34C02A Datasheet HTML 6Page - Seiko Instruments Inc S-34C02A Datasheet HTML 7Page - Seiko Instruments Inc S-34C02A Datasheet HTML 8Page - Seiko Instruments Inc S-34C02A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
Rev.1.2_00
S-34C02A
Seiko Instruments Inc.
5
DC Electrical Characteristics
Table 7
VCC = 2.5 to 5.5 V
f = 400 kHz
VCC = 1.6 to 2.5 V
f = 100 kHz
VCC = 1.7 to 2.5 V
f = 100 kHz
Item
Symbol Condition
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Current consumption (READ)
ICC1
−
−
0.8
−
0.2
−
0.2
mA
Current consumption (WRITE)
ICC2
−
−
4.0
−
−
−
1.5
mA
Table 8
VCC = 2.5 to 5.5 V
VCC = 1.6 to 2.5 V
Item
Symbol
Condition
Min.
Max.
Min.
Max.
Unit
Standby current consumption
ISB
VIN = VCC or GND
−
1.5
−
1.5
µA
Input leakage current
ILI
SCL, SDA
VIN = GND to VCC
−
1.0
−
1.0
µA
Output leakage current
ILO
SDA
VOUT = GND to VCC
−
1.0
−
1.0
µA
Input current 1
IIL
A0, A1, A2, WP
VIN < 0.3
× VCC
−
50.0
−
50.0
µA
Input current 2
IIH
A0, A1, A2, WP
VIN > 0.7
× VCC
−
2.0
−
2.0
µA
Input Impedance 1
ZIL
A0, A1, A2, WP
VIN = 0.3
× VCC
30
−
30
−
K
Ω
Input Impedance 2
ZIH
A0, A1, A2, WP
VIN = 0.7
× VCC
800
−
800
−
K
Ω
Low level output voltage
VOL
IOL = 3.2 mA
−
0.4
−
0.4
V
Current address hold voltage
VAH
−
1.5
5.5
1.5
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com