Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-34C02A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-34C02A Datasheet HTML 9Page - Seiko Instruments Inc S-34C02A Datasheet HTML 10Page - Seiko Instruments Inc S-34C02A Datasheet HTML 11Page - Seiko Instruments Inc S-34C02A Datasheet HTML 12Page - Seiko Instruments Inc S-34C02A Datasheet HTML 13Page - Seiko Instruments Inc S-34C02A Datasheet HTML 14Page - Seiko Instruments Inc S-34C02A Datasheet HTML 15Page - Seiko Instruments Inc S-34C02A Datasheet HTML 16Page - Seiko Instruments Inc S-34C02A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
Rev.1.2_00
S-34C02A
Seiko Instruments Inc.
13
6. 2 Page Write
The S-34C02A is able to Page Write of 16-bit.
Its basic process to transmit data is as same as Byte Write, but it operates Page Write by sequentially receiving 8-
bit Write data as much data as the page size has.
When the S-34C02A receives the 7-bit device address and Read/Write instruction code “0” after receiving a start
condition, it generates an acknowledgment signal. Next, by receiving the 8-bit word address, it generates an
acknowledgment signal. After the S-34C02A generated an acknowledgment signal by receiving 8-bit Write data, the
S-34C02A receives 8-bit Write data equivalent to the next word address so that it generates an acknowledgment
signal. Receiving 8-bit Write data and generating an acknowledgment signal are sequentially repeated, so that S-
34C02A can receive Write data which has the largest page size.
By receiving a stop condition, the Write operation in an address area equivalent to the received page size starts.
R
/
W
S
T
A
R
T
1 0 1 0
W
R
I
T
E
S
T
O
P
DEVICE
ADDRESS
DATA (n)
WORD ADDRESS (n)
M
S
B
SDA
LINE
A2 A1 A0
A
C
K
L
S
B
A
C
K
A
C
K
0
W7W6W5W4W3W2W1W0
D7 D6 D5 D4 D3 D2 D1 D0
D7
D0
D7
D0
ADR INC
A
C
K
ADR INC
A
C
K
DATA (n+1)
DATA (n+x)
ADR INC
Figure 11 Page Write
In the S-34C02A, the lower 4 bits of the word address are automatically incremented every time when the S-
34C02A receives 8-bit write data. If the size of Write data exceeds 16-byte, the higher 4-bit of the word address
remain unchanged, and the lower 4 bits are rolled over and previously received data will be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com