Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-34C02A Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S-34C02A Datasheet HTML 12Page - Seiko Instruments Inc S-34C02A Datasheet HTML 13Page - Seiko Instruments Inc S-34C02A Datasheet HTML 14Page - Seiko Instruments Inc S-34C02A Datasheet HTML 15Page - Seiko Instruments Inc S-34C02A Datasheet HTML 16Page - Seiko Instruments Inc S-34C02A Datasheet HTML 17Page - Seiko Instruments Inc S-34C02A Datasheet HTML 18Page - Seiko Instruments Inc S-34C02A Datasheet HTML 19Page - Seiko Instruments Inc S-34C02A Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02A
Rev.1.2_00
Seiko Instruments Inc.
16
6. 5 Acknowledge Polling
Acknowledge polling is used to find when the Write operation has completed. After receiving a stop condition the
Write operation has once started, all operations are inhibited to be performed so that the S-34C02A cannot respond
to the signals transmitted from the master device. The master device sends a start condition, the device address
and Read/Write instruction code to the S-34C02A (slave address), and detects the response from the slave
address. It is possible to find when the Write operation has completed. Thus if the slave device does not send an
acknowledgment signal back, the Write operation is in progress. If it sends an acknowledgment signal back, the
Write operation has completed. Fix the WP pin until an acknowledgment is confirmed. It is recommended to use the
Read instruction “1” for the Read/Write instruction code transmitted by the master device during acknowledgment
polling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com