Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-34C02A Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-34C02A Datasheet HTML 4Page - Seiko Instruments Inc S-34C02A Datasheet HTML 5Page - Seiko Instruments Inc S-34C02A Datasheet HTML 6Page - Seiko Instruments Inc S-34C02A Datasheet HTML 7Page - Seiko Instruments Inc S-34C02A Datasheet HTML 8Page - Seiko Instruments Inc S-34C02A Datasheet HTML 9Page - Seiko Instruments Inc S-34C02A Datasheet HTML 10Page - Seiko Instruments Inc S-34C02A Datasheet HTML 11Page - Seiko Instruments Inc S-34C02A Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02A
Rev.1.2_00
Seiko Instruments Inc.
8
Pin Functions
1. A0, A1 and A2 (Address Input) Pins
In the S-34C02A, to set the slave address, connect each pin of A0, A1, A2 to GND or VCC. Therefore the users can set
8 types of slave address by a combination of A0, A1, A2 pins.
Comparing the slave address transmitted from the master device and one that you set, makes possible to select the S-
34C02A from other devices connected onto the bus.
Be sure to connect to fix the address input pin to GND or VCC.
2. SDA (Serial Data Input / Output) Pin
The SDA pin is used for the bi-directional transmision of serial data. It consists of a signal input pin and an Nch open
drain output pin.
In use, generally, connect the SDA line to any other device which has the open-drain or open-collector output with
Wired-OR connection by pulling up to VCC by a resistor.
3. SCL (Serial Clock Input) Pin
The SCL pin is used for the serial clock input. Since the signals are processed at a rising or falling edge of the SCL
clock, pay the attention to the rising and falling time and comply with the specification.
4. WP (Write Protect) Pin
The Write protect function is to inhibit Write in all memory area or in the protect register while this pin is being
connected to VCC. While the WP pin is being connected to GND or left open, this pin inhibits Write in the first half of
memory (addresses 00h to 7Fh) according to the status of the protect register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com