Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-34C02A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-34C02A Datasheet HTML 2Page - Seiko Instruments Inc S-34C02A Datasheet HTML 3Page - Seiko Instruments Inc S-34C02A Datasheet HTML 4Page - Seiko Instruments Inc S-34C02A Datasheet HTML 5Page - Seiko Instruments Inc S-34C02A Datasheet HTML 6Page - Seiko Instruments Inc S-34C02A Datasheet HTML 7Page - Seiko Instruments Inc S-34C02A Datasheet HTML 8Page - Seiko Instruments Inc S-34C02A Datasheet HTML 9Page - Seiko Instruments Inc S-34C02A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02A
Rev.1.2_00
Seiko Instruments Inc.
6
AC Electrical Characteristics
Table 9 Measurement Conditions
Input pulse voltage
0.1
× VCC to 0.9 × VCC
Input pulse rising / falling time
20 ns
Output determination voltage
0.5
× VCC
Output load
100 pF
+Pull-up resistor 1.0 kΩ
SDA
C = 100 pF
VCC
R = 1.0 k
Ω
Figure 3 Output Load Circuit
Table 10
VCC = 2.5 to 5.5 V
VCC = 1.6 to 2.5 V
Item
Symbol
Min.
Max.
Min.
Max.
Unit
SCL clock frequency
fSCL
0
400
0
100
kHz
SCL clock time “L”
tLOW
1.3
−
4.7
−
µs
SCL clock time “H”
tHIGH
0.6
−
4.0
−
µs
SDA output delay time
tAA
0.1
0.9
0.1
3.5
µs
SDA output hold time
tDH
50
−
100
−
ns
Start condition setup time
tSU.STA
0.6
−
4.7
−
µs
Start condition hold time
tHD.STA
0.6
−
4.0
−
µs
Data input setup time
tSU.DAT
100
−
200
−
ns
Data input hold time
tHD.DAT
0
−
0
−
ns
Stop condition setup time
tSU.STO
0.6
−
4.0
−
µs
SCL SDA rising time
tR
−
0.3
−
1.0
µs
SCL SDA falling time
tF
−
0.3
−
0.3
µs
WP setup time
tWS1
0
−
0
−
µs
WP hold time
tWH1
0
−
0
−
µs
WP release setup time
tWS2
0
−
0
−
µs
WP release hold time
tWH2
0
−
0
−
µs
Bus release time
tBUF
1.3
−
4.7
−
µs
Noise suppression time
tI
−
50
−
100
ns
SCL
SDA
(in)
SDA
(out)
tBUF
tR
tSU.STO
tSU.DAT
tHD.DAT
tDH
tAA
tHIGH
tLOW
tHD.STA
tSU.STA
tF
Figure 4 Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com