Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS02A Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS02A Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S24CS02A Datasheet HTML 15Page - Seiko Instruments Inc S24CS02A Datasheet HTML 16Page - Seiko Instruments Inc S24CS02A Datasheet HTML 17Page - Seiko Instruments Inc S24CS02A Datasheet HTML 18Page - Seiko Instruments Inc S24CS02A Datasheet HTML 19Page - Seiko Instruments Inc S24CS02A Datasheet HTML 20Page - Seiko Instruments Inc S24CS02A Datasheet HTML 21Page - Seiko Instruments Inc S24CS02A Datasheet HTML 22Page - Seiko Instruments Inc S24CS02A Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
19
8. Address Increment Timing
The timing for the automatic address increment is the falling edge of the SCL clock for the 8th bit of the
read data in read operation and the falling edge of the SCL clock for the 8th bit of the received data in write
operation.
SCL
SDA
R / W=1
Address Increment
891
89
D7 Output
D0 Output
ACK Output
Figure 19 Address Increment Timing in Reading
SCL
SDA
R / W=0
891
89
D7 Input
D0 Input
ACK Output
ACK Output
Address Increment
Figure 20 Address Increment Timing in Writing
Write Inhibition Function at Low Power Voltage
The S-24CS01A/02A/04A/08A have a detection circuit for low power voltage. The detection circuit cancels
a write instruction when the power voltage is low or the power switch is on. The detection voltage is 1.75 V
typically and the release voltage is 2.05 V typically, the hysteresis of approximate 0.3 V thus exists. (See
Figure 21
.)
When a low power voltage is detected, a write instruction is canceled at the reception of a stop condition.
When the power voltage lowers during a data transmission or a write operation, the data at the address of
the operation is not assured.
Power supply voltage
Write Instruction
cancel
Release voltage (+VDET)
2.05 V typ.
Detection voltage (-VDET)
1.75 V typ.
Hysteresis width
0.3 V approximately
Figure 21 Operation at low power voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com