Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS02A Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # S24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS02A Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button S24CS02A Datasheet HTML 20Page - Seiko Instruments Inc S24CS02A Datasheet HTML 21Page - Seiko Instruments Inc S24CS02A Datasheet HTML 22Page - Seiko Instruments Inc S24CS02A Datasheet HTML 23Page - Seiko Instruments Inc S24CS02A Datasheet HTML 24Page - Seiko Instruments Inc S24CS02A Datasheet HTML 25Page - Seiko Instruments Inc S24CS02A Datasheet HTML 26Page - Seiko Instruments Inc S24CS02A Datasheet HTML 27Page - Seiko Instruments Inc S24CS02A Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
24
Rise time (tRISE) Max.
[ms]
Power supply voltage
(VCC)
[V]
50
5.0
4.0
3.0
2.0
100 150
200
For example:
If your E
2PROM supply voltage = 5.0 V, raise the power supply
voltage to 5.0 V within 200 ms.
Figure 28 Raising Time of Power Supply Voltage
When initialization is successfully completed via the power-on-clear circuit, the E
2PROM enters the standby
status.
If the power-on-clear circuit does not operate, the following are the possible causes.
(1) Because the E
2PROM has not been initialized, an instruction formerly input is valid or an instruction
may be inappropriately recognized. In this case, writing may be performed.
(2) The voltage may have dropped due to power off while the E
2PROM is being accessed. Even if the
microprocessor is reset due to the low power voltage, the E
2PROM may malfunction unless the power-
on-clear operation conditions of E
2PROM are satisfied. For the power-on-clear operation conditions of
E
2PROM, refer to 5. 1 Raising power supply voltage.
If the power-on-clear circuit does not operate, match the phase (reset) so that the internal E
2PROM circuit is
normally reset. The statuses of the E
2PROM immediately after the power-on-clear circuit operates and
when phase is matched (reset) are the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com