Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS02A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS02A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S24CS02A Datasheet HTML 1Page - Seiko Instruments Inc S24CS02A Datasheet HTML 2Page - Seiko Instruments Inc S24CS02A Datasheet HTML 3Page - Seiko Instruments Inc S24CS02A Datasheet HTML 4Page - Seiko Instruments Inc S24CS02A Datasheet HTML 5Page - Seiko Instruments Inc S24CS02A Datasheet HTML 6Page - Seiko Instruments Inc S24CS02A Datasheet HTML 7Page - Seiko Instruments Inc S24CS02A Datasheet HTML 8Page - Seiko Instruments Inc S24CS02A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 5
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to VCC+0.3
V
Output voltage
VOUT
−0.3 to VCC
V
Operating ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the
product could suffer physical damage. These values must therefore not
be exceeded under any conditions.
Recommended Operating Conditions
Table 6
−40 to +85°C
+85 to +105°C
Item
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Read Operation
1.8
5.5
4.5
5.5
V
Power supply voltage
VCC
Write Operation
2.55
5.5
4.5
5.5
V
VCC
=4.5 to 5.5 V
0.7
×VCC
VCC
0.7
×VCC
VCC
V
VCC
=2.55 to 4.5 V
0.7
×VCC
VCC
V
High level input voltage
VIH
VCC
=1.8 to 2.55 V
0.8
×VCC
VCC
V
VCC
=4.5 to 5.5 V
0.0
0.3
×VCC
0.0
0.3
×VCC
V
VCC
=2.55 to 4.5 V
0.0
0.3
×VCC
V
Low level input voltage
VIL
VCC
=1.8 to 2.55 V
0.0
0.2
×VCC
V
Pin Capacitance
Table 7
(Ta
=25°C, f=1.0 MHz, VCC=5 V)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
VIN
=0 V (S-24CS01A/02A: SCL, A0, A1, A2, WP)
—
—
10
pF
VIN
=0 V (S-24CS04A: SCL, A1, A2, WP)
—
—
10
pF
Input capacitance
CIN
VIN
=0 V (S-24CS08A: SCL, A2, WP)
—
—
10
pF
Input/output capacitance
CI / O
VI/O
=0 V (SDA)
—
—
10
pF
Endurance
Table 8
Item
Symbol
Operation temperature
Min.
Typ.
Max.
Unit
−40 to +85°C
10
6
—
—
cycles / word
*1
Endurance
NW
+85 to +105°C
3
×10
5
—
—
cycles / word
*1
*1. For each address (Word: 8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com