Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS02A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS02A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S24CS02A Datasheet HTML 2Page - Seiko Instruments Inc S24CS02A Datasheet HTML 3Page - Seiko Instruments Inc S24CS02A Datasheet HTML 4Page - Seiko Instruments Inc S24CS02A Datasheet HTML 5Page - Seiko Instruments Inc S24CS02A Datasheet HTML 6Page - Seiko Instruments Inc S24CS02A Datasheet HTML 7Page - Seiko Instruments Inc S24CS02A Datasheet HTML 8Page - Seiko Instruments Inc S24CS02A Datasheet HTML 9Page - Seiko Instruments Inc S24CS02A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
6
DC Electrical Characteristics
Table 9
−40 to +85°C
+85 to +105°C
VCC=4.5 to 5.5 V
f = 400 kHz
VCC=2.7 to 4.5 V
*1
f = 100 kHz
VCC=1.8 to 2.7 V
f = 100 kHz
VCC=4.5 to 5.5 V
f = 350 kHz
Item
Symbol Conditions
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Current
consumption
(READ)
ICC1
0.8
0.3
0.2
0.8
mA
Current
consumption
(WRITE)
ICC2
4.0
1.5
4.0
mA
*1. VCC=2.55 to 4.5 V in Write
Table 10
−40 to +85°C
+85 to +105°C
VCC=4.5 to 5.5 V VCC=2.55 to 4.5 V VCC=1.8 to 2.55 V VCC=4.5 to 5.5 V
Item
Symbol
Conditions
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Standby current
consumption
ISB
VIN
=VCC or GND   2.0   2.0   2.0   2.0 µA
Input leakage current
ILI
VIN
=GND to VCC
 0.1 1.0  0.1 1.0  0.1 1.0  0.1 1.0 µA
Output leakage current
ILO
VOUT
=GND to VCC  0.1 1.0  0.1 1.0  0.1 1.0  0.1 1.0 µA
IOL
=3.2 mA
  0.4 
 0.4  
 
 0.4
V
Low level output voltage
VOL
IOL
=1.5 mA
  0.3 
 0.3   0.5 
 0.3
V
Current address hold
voltage
VAH
1.5
 5.5 1.5  4.5 1.5  2.55 1.5  5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com