Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS02A Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS02A Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S24CS02A Datasheet HTML 11Page - Seiko Instruments Inc S24CS02A Datasheet HTML 12Page - Seiko Instruments Inc S24CS02A Datasheet HTML 13Page - Seiko Instruments Inc S24CS02A Datasheet HTML 14Page - Seiko Instruments Inc S24CS02A Datasheet HTML 15Page - Seiko Instruments Inc S24CS02A Datasheet HTML 16Page - Seiko Instruments Inc S24CS02A Datasheet HTML 17Page - Seiko Instruments Inc S24CS02A Datasheet HTML 18Page - Seiko Instruments Inc S24CS02A Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
15
6. 3 Write Protection
Write protection is available in the S-24CS01A/02A/04A/08A. When the WP pin is connected to the VCC,
write operation to memory area is forbidden at all.
When the WP pin is connected to the GND, the write protection is invalid, and write operation in all
memory area is available.
Fix the level of the WP pin from the rising edge of SCL for loading the last write data (D0) until the end of
the write time (10 ms max.). If the WP pin changes during this time, the address data being written at this
time is not guaranteed.
There is no need for using write protection, the WP pin should be connected to the GND. The write
protection is valid in the operating voltage range.
SDA
WP
SCL
Acknowledge
WP Pin Fixed Period
Stop
Condition
Start
Condition
Write Data
tWR
D0
Figure 15 WP Pin Fixed Period
6. 4 Acknowledge Polling
Acknowledge polling is used to know the completion of the write cycle in the E
2PROM.
After the E
2PROM receives a stop condition and once starts the write cycle, all operations are forbidden
and no response is made to the signal transmitted by the master device.
Accordingly the master device can recognize the completion of the write cycle in the E
2PROM by
detecting a response from the slave device after transmitting the start condition, the device address and
the read/write instruction code to the E
2PROM, namely to the slave devices.
That is, if the E
2PROM does not generate an acknowledge, the write cycle is in progress and if the
E
2PROM generates an acknowledge, the write cycle has been completed.
Keep the level of the WP pin fixed until acknowledge is confirmed.
It is recommended to use the read instruction "1" as the read/write instruction code transmitted by the
master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com