Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0059 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFII-SW-0059
Description  SMD 1237 MHZ SAW FILTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0059 Datasheet(HTML) 1 Page - Abracon Corporation

  AFII-SW-0059 Datasheet HTML 1Page - Abracon Corporation AFII-SW-0059 Datasheet HTML 2Page - Abracon Corporation AFII-SW-0059 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0059 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0059 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0059 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0059 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0059 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0059 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 03-13-25
For terms and conditions of sales, please visit:
www.abracon.com
SMD 1237 MHZ SAW FILTER
AFII-SW-0059
1.4 x 1.1 x 0.7mm
RoHS Compliant
MSL Level = 3
Check Inventory
Request Samples
Product Image
Applications
• Supports GNSS L2/E5b/B2b Band
• 1.4 x 1.1 x 0.7mm in Size
• Low Insertion Loss: 1.9 dB
• Out-of-Band Rejection: > 25 dB
• 50 Ohms Single-Ended Input & Output
• Maximum Input Power: +10 dBm
Features
• High-Precision GNSS Modules
• RTK Systems
• Automotive Transportation & Telematics
• Asset Tracking / Fleet Management
• UAVs, Robotics & Autonomous Vehicles
• Micro-Mobility Solutions
• Precision Agriculture


Similar Part No. - AFII-SW-0059

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0050 ABRACON-AFII-SW-0050 Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0050-EVB ABRACON-AFII-SW-0050-EVB Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0050-T ABRACON-AFII-SW-0050-T Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0057 ABRACON-AFII-SW-0057 Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
AFII-SW-0057-EVB ABRACON-AFII-SW-0057-EVB Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
More results

Similar Description - AFII-SW-0059

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
logo
TAI-SAW TECHNOLOGY CO.,...
TA0836A TAI-SAW-TA0836A Datasheet
243Kb / 6P
SAW Filter 1237 MHz SMD 3.0X3.0 mm
logo
Abracon Corporation
AFS1237.0W01-TS4 ABRACON-AFS1237.0W01-TS4 Datasheet
1Mb / 2P
SMD 1237 MHz SAW Filter
07.09.12
logo
TAI-SAW TECHNOLOGY CO.,...
TA0836B TAI-SAW-TA0836B Datasheet
238Kb / 6P
SAW Filter 1237 MHz
TA1252A TAI-SAW-TA1252A Datasheet
404Kb / 6P
SAW Filter 1237 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com