Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD39200
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD39200 Datasheet HTML 2Page - STMicroelectronics LD39200 Datasheet HTML 3Page - STMicroelectronics LD39200 Datasheet HTML 4Page - STMicroelectronics LD39200 Datasheet HTML 5Page - STMicroelectronics LD39200 Datasheet HTML 6Page - STMicroelectronics LD39200 Datasheet HTML 7Page - STMicroelectronics LD39200 Datasheet HTML 8Page - STMicroelectronics LD39200 Datasheet HTML 9Page - STMicroelectronics LD39200 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
5
Electrical characteristics
(TJ = 25 °C, VIN = VOUT+1 V; VOUT = VADJ; CIN = 10 µF; COUT = 10 µF; IOUT = 10 mA; VEN = VIN)
Table 5. Electrical characteristics, adjustable version
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
range
1.25
6.0
V
VADJ
Adjustable pin voltage
0.5
V
Adjustable pin voltage
accuracy
TJ = 25 °C
-1.0
1.0
%
-40 °C < TJ < 125 °C
-2.0
2.0
IADJ
Adjustable pin current
-40 °C < TJ < 125 °C
100
nA
∆VADJ%/
∆VIN
Static line regulation
VOUT + 1 V < VIN < 6.0 V; TJ = 25 °C
0.01
%/V
-40 °C < TJ < 125 °C
0.2
∆VADJ%/
∆IOUT
Static load regulation
0 mA < IOUT < 2 A; TJ = 25 °C
0.1
%/A
-40 °C < TJ < 125 °C
0.4
VDROP
Dropout voltage (1)
VIN = 1.4 V; IOUT = 1 A;
-40 °C < TJ < 125 °C
120
250
mV
VIN = 2.5 V; IOUT = 2 A;
-40 °C < TJ < 125 °C
135
250
VIN = 5.3 V; IOUT = 2 A;
-40 °C < TJ < 125 °C
110
250
eN
Output noise voltage
VOUT = VADJ ;
f = 10 Hz to 100 kHz
45
µVRMS /
VOUT
eN
Output noise voltage
VIN = VOUT + 0.4 V, IOUT = 700 mA;
CIN = COUT = 10 µF, R2 = 10 kΩ,
R1 = (VOUT – 0.5) x 20 kΩ,
Cbyp = 470 nF
24
µVRMS
SVR
Supply voltage rejection
VOUT = 1.8 V; VIN = VOUT+0.5 V;
COUT = 10 µF; IOUT = 10 mA;
TJ = 25 °C; f = 1 kHz
70
dB
VOUT = 1.8 V; VIN = VOUT + 0.5 V;
COUT = 10 µF; IOUT = 10 mA;
TJ = 25 °C; f = 100 kHz
50
VOUT = 1.8 V; VIN = VOUT + 0.5 V;
COUT = 10 µF; IOUT = 10 mA;
TJ = 25 °C; f = 500 kHz
50
dB
VOUT = 1.8 V; VIN = VOUT + 0.5 V;
COUT = 10 µF; IOUT = 10 mA;
TJ = 25 °C; f = 1 MHz
40
LD39200
Electrical characteristics
DS10079 - Rev 3
page 6/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com